Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25501F3.B Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD25501F3.B
Description  CSD25501F3 –20V P-Channel FemtoFET™ MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25501F3.B Datasheet(HTML) 4 Page - Texas Instruments

  CSD25501F3.B Datasheet HTML 1Page - Texas Instruments CSD25501F3.B Datasheet HTML 2Page - Texas Instruments CSD25501F3.B Datasheet HTML 3Page - Texas Instruments CSD25501F3.B Datasheet HTML 4Page - Texas Instruments CSD25501F3.B Datasheet HTML 5Page - Texas Instruments CSD25501F3.B Datasheet HTML 6Page - Texas Instruments CSD25501F3.B Datasheet HTML 7Page - Texas Instruments CSD25501F3.B Datasheet HTML 8Page - Texas Instruments CSD25501F3.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4.3 Typical MOSFET Characteristics
TA = 25°C (unless otherwise stated)
Figure 4-1. Transient Thermal Impedance
-VDS - Drain-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
12
D002
VGS = -1.8 V
VGS = -2.5 V
VGS = -4.5 V
Figure 4-2. Saturation Characteristics
-VGS - Gate-To-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
D003
TC = 125° C
TC = 25° C
TC = -55° C
VDS = –5V
Figure 4-3. Transfer Characteristics
Qg - Gate Charge (nC)
0
0.25
0.5
0.75
1
1.25
1.5
0
1
2
3
4
5
6
7
8
9
D004
Measured At External Gate Pin
Charge At Internal Gate Node
ID = –0.4A
VDS = –10V
Figure 4-4. Gate Charge
-VDS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
Figure 4-5. Capacitance
CSD25501F3
SLPS692C – OCTOBER 2017 – REVISED JUNE 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CSD25501F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com