Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8574IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC8574IPWR
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8574IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8574IPWR Datasheet HTML 17Page - Texas Instruments DAC8574IPWR Datasheet HTML 18Page - Texas Instruments DAC8574IPWR Datasheet HTML 19Page - Texas Instruments DAC8574IPWR Datasheet HTML 20Page - Texas Instruments DAC8574IPWR Datasheet HTML 21Page - Texas Instruments DAC8574IPWR Datasheet HTML 22Page - Texas Instruments DAC8574IPWR Datasheet HTML 23Page - Texas Instruments DAC8574IPWR Datasheet HTML 24Page - Texas Instruments DAC8574IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
www.ti.com
DAC8574 as a Slave Receiver - High-Speed Mode
HS-Master Code
R/W
A Ctrl-Byte
A MS-Byte A
LS-Byte
A/A
P
”0” (write)
Data Transferred
(n* Words + Acknowledge)
Word = 16 Bit
S
A Sr Slave Address
HS-Mode Continues
F/S-Mode
HS-Mode
F/S-Mode
Sr Slave Address
0
0
0
0
1
X
X
R/X
MSB
LSB
HS-Mode Master Code:
A3
A2
L1
L0
X
Sel1 Sel2 PD0
MSB
LSB
Control Byte:
A3
= Extended Address Bit
A2
= Extended Address Bit
L1
= Load1 (Mode Select) Bit
L0
= Load0 (Mode Select) Bit
Sel1 = Buff Sel1 (Channel) Select Bit
Sel0 = Buff Sel0 (Channel) Select Bit
PD0 = Power Down Flag
D15
D14
D13
D12
D11
D10
D9
D8
MSB
LSB
MS-Byte:
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
LS-Byte:
D15 - D0 = Data Bits
X = Don’t Care
DAC8574
SLAS377B – JANUARY 2003 – REVISED DECEMBER 2004
Figure 52 shows the high-speed mode master transmitter addressing a DAC8574 Slave Receiver with a 7-bit
address.
Figure 52. High-Speed Mode: Slave Receiver
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com