Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-5F Datasheet(PDF) 1 Page - Sumida Corporation

Part # CS-5F
Description  RF COILS < SMD Type: CS Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS-5F Datasheet(HTML) 1 Page - Sumida Corporation

  CS-5F Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: CS-5F
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
RF COILS < SMD Type: CS Series>
◆ Product Description
・5.5×5.5mm Max.(L×W), 4.5mm Max. Height.
・Inductance: 5μH Max.
・Operating frequency:300MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements
◆ Feature
・Variable shielded type.
・RoHS Compliance
◆ Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
◆ Connection (Bottom View)
“S”is winding start.
◆ Specification
(Part No. 5204-T037)
Item
(1−3)
Measuring Conditions
Tuning capacity
21.8pF±3% Variable
55.875MHz
Unloaded Q
30 Min.
55.875MHz
4.5 Max.
5.2±0.3
0.5±0.2
3.5±0.3
Brown dot
3
2
1
4
6
S
S


Similar Part No. - CS-5F

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
brushless DC Motor Driver/Controller
CS-5143DW20 CHERRY-CS-5143DW20 Datasheet
578Kb / 10P
brushless DC Motor Driver/Controller
logo
First Components Intern...
CS-5201 FCI-CS-5201 Datasheet
271Kb / 6P
1Amp Low Dropout Positive Voltage Regulator
logo
PREMO CORPORATION S.L
CS-560-K PREMO-CS-560-K Datasheet
192Kb / 1P
Coils and Chokes for general use
CS-561-K PREMO-CS-561-K Datasheet
192Kb / 1P
Coils and Chokes for general use
More results

Similar Description - CS-5F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS-4 SUMIDA-CS-4 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS-4 Series>
CY-4 SUMIDA-CY-4 Datasheet
88Kb / 2P
Filter Coils < SMD Type: CY Series>
CFB3-6 SUMIDA-CFB3-6 Datasheet
152Kb / 2P
Filter Coils< SMD Type: CFB Series>
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
IFT COILS < SMD Type: CPG Series>
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
RF COILS < SMD Type: CS Series>
CY-4T SUMIDA-CY-4T Datasheet
89Kb / 2P
Filter Coils < SMD type: CY Series>
CFE654 SUMIDA-CFE654 Datasheet
126Kb / 1P
RF Coils < SMD Type: CFE Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com