Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFC5D33 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSFC5D33
Description  DC Common Mode Chokes Type : CSFC Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSFC5D33 Datasheet(HTML) 1 Page - Sumida Corporation

  CSFC5D33 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Common Mode Chokes <SMD Type : CSFC Series>
Type: CSFC5D33
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆
Product Description
・
6.2×5.5mm Max.(L×W), 3.5mm Max. Height.
◆
Feature
・
Ideally used in IP Phones.
・
RoHS Compliance.
◆
Dimensions (mm)
* Dimension does not include solder used on coil.
* Dimension without tolerance are approx.
◆
Land Pattern (mm)
◆
Schematics (Bottom)
“●”
indicates the winding polarity.
◆
Specification
SPEC. NO.
Impedance
(Ω)<Min.>
100MHz
D.C.R.
(Ω)<Max.>
(1-2),(4-3)
Insulation Resistance
(MΩ)<Min.>
Rated current
(A)
Rated Voltage
(V) <Max.>
SI07-039
300±25%
0.025
10M
2.5
80
※
Rated current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
0.138 MAX.
0.224+0.020/-0.000
039
DATE CODE
5.70+0.50/-0.00
3.50 MAX.
2
3
4
1
2.1
0.256
6.5
0.083
2
1
3
4


Similar Part No. - CSFC5D33

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFC301 COMCHIP-CSFC301 Datasheet
74Kb / 2P
SMD Super Fast Recovery Rectifier
CSFC301-G COMCHIP-CSFC301-G Datasheet
50Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G_12 Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFC302 COMCHIP-CSFC302 Datasheet
74Kb / 2P
SMD Super Fast Recovery Rectifier
More results

Similar Description - CSFC5D33

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
BM1012LF SUMIDA-BM1012LF Datasheet
162Kb / 1P
DC COMMON MODE CHOKES
CPFC805 SUMIDA-CPFC805 Datasheet
126Kb / 1P
DC Common Mode Chokes
CPFC6D36 SUMIDA-CPFC6D36 Datasheet
124Kb / 1P
DC Common Mode Chokes
CPFC11D60 SUMIDA-CPFC11D60 Datasheet
128Kb / 1P
DC Common Mode Chokes
logo
FERYSTER Inductive Comp...
CMS4-11-3-4.8-4S2 FERYSTER-CMS4-11-3-4.8-4S2 Datasheet
76Kb / 9P
SMD common mode chokes
logo
Productwell Precision E...
UUSP16-152 PRODUCTWELL-UUSP16-152 Datasheet
82Kb / 1P
DC COMMON MODE CHOKES
logo
Central Technologies
CTACM CT-CTACM Datasheet
346Kb / 1P
SMD Common Mode Chokes
logo
Sumida Corporation
CPFC11D60 SUMIDA-CPFC11D60_15 Datasheet
181Kb / 2P
DC Common Mode Chokes
CPFC805 SUMIDA-CPFC805_15 Datasheet
154Kb / 2P
DC Common Mode Chokes
CPFC6D36 SUMIDA-CPFC6D36_17 Datasheet
178Kb / 1P
DC Common Mode Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com