Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLF2520 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSLF2520
Description  Power Inductors Type: CSLF Series>
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSLF2520 Datasheet(HTML) 1 Page - Sumida Corporation

  CSLF2520 Datasheet HTML 1Page - Sumida Corporation CSLF2520 Datasheet HTML 2Page - Sumida Corporation CSLF2520 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Inductors <SMD Type: CSLF Series>
Type: CSLF2520
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
◆
Product Description
・
3.5×2.7mm Max.(L×W), 2.2mm Max. Height.
・
Inductance Range: 1.0μH~560μH
・
Rated current range: 0.04~0.445 A
・
Custom design is available.
◆
Feature
・
Miniature chip inductor, ferrite core used.
・
High Q value at high frequencies and low D.C.R.
・
Low THD for signal circuit.
・
Ideally used in mini-type power circuit and signal circuit.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
3.2±0.3
2.2 Max.
0.6 Min.
0.6 Min.
0.95 Min.
R1.0
3.0
Part of
electrode
Part of solder resist printing


Similar Part No. - CSLF2520

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
CSLF137 SUMIDA-CSLF137 Datasheet
115Kb / 1P
Common Mode Choke Coils
CSLF3226B SUMIDA-CSLF3226B Datasheet
152Kb / 3P
Power Inductors
CSLF3226B-100KC SUMIDA-CSLF3226B-100KC Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CSLF2520

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
Power Inductors
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
POWER INDUCTORS
CSLF137 SUMIDA-CSLF137 Datasheet
115Kb / 1P
Common Mode Choke Coils
CSLF4D25 SUMIDA-CSLF4D25 Datasheet
98Kb / 2P
Common Mode Choke Coils
CSLF4D17 SUMIDA-CSLF4D17 Datasheet
193Kb / 2P
Common Mode Choke Coils
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com