Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS4D11 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLS4D11
Description  Power Inductor & 2 in 1 Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D11 Datasheet(HTML) 2 Page - Sumida Corporation

  CLS4D11 Datasheet HTML 1Page - Sumida Corporation CLS4D11 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor & 2 in 1 Transformer <SMD Type: CLS Series>
Type: CLS4D11
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification (For Inductor)
Part No.
※
Stamp
Inductance
[within]
(at 100kHz)
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Rated current
(mA)※1
CLS4D11−3R3N□
3R3
3.3μH±30%
120(95)
1000
CLS4D11−4R7N□
4R7
4.7μH±30%
180(140)
800
CLS4D11−6R8N□
6R8
6.8μH±30%
220(170)
700
CLS4D11−1ØØN□
100
10μH±30%
310(240)
600
CLS4D11−15ØN□
150
15μH±30%
480(370)
500
CLS4D11−22ØN□
220
22μH±30%
710(550)
400
CLS4D11−33ØN□
330
33μH±30%
1100(870)
300
※ Description of part name
CLS4D11−3R3N□
※1. Rated current: The D.C. current at which the inductance decreases to 65% of it’s nominal value or when
△t=40℃, whichever is lower(Ta=20℃).
◆ Specification (For 2 in 1 Transformer)
Sample No.
Inductance
(at 100kHz)
D.C.R.(mΩ)
Max. (at 20℃)
Rated current
(mA)※
5365-T007
4.7μH±30%
380
500
※ Rated current: The DC current at which the inductance decreases to 90 % of it’s initial
value or when △t=40℃, whichever is lower(Ta=20℃).
B
Box
C
Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com