Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13-39-2.. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 13-39-2..
Description  BNC T Adapter 50R
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

13-39-2.. Datasheet(HTML) 1 Page - Multicomp Pro

  13-39-2.. Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
22/11/12
BNC T Adapter
50R
Features:
• The T-adaptor has a nickel plated body and gold plated centre contacts
• A single piece, snap-together black plastic cover protects against accidental
grounding or dis-connection
Part Number Table
Description
Part Number
BNC Adapter, 50R
13-39-2
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Specifications:
Connector Type
: Inter Series Coaxial
Convert To Gender
: Receptacle
Body Plating
: Nickel
Connector Type A
: BNC Plug
Connector Type B
: 2 × BNC Jacks
Contact Material
: Gold Plated
Impedance
: 50Ω


Similar Part No. - 13-39-2..

ManufacturerPart #DatasheetDescription
logo
3M Electronics
13-38 3M-13-38 Datasheet
38Kb / 5P
Specialty Terminals
13-38-NB 3M-13-38-NB Datasheet
757Kb / 4P
3M™ Terminals: 3M™ Ring Tongues
13-38-P 3M-13-38-P Datasheet
757Kb / 4P
3M™ Terminals: 3M™ Ring Tongues
13-38-W 3M-13-38-W Datasheet
757Kb / 4P
3M™ Terminals: 3M™ Ring Tongues
13-38S 3M-13-38S Datasheet
38Kb / 5P
Specialty Terminals
More results

Similar Description - 13-39-2..

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
logo
List of Unclassifed Man...
BU-P3285 ETC2-BU-P3285 Datasheet
192Kb / 1P
ADAPTER BNC T Female-Male-Female
logo
Wall Industries,Inc.
LPQ48S3.3-50R WALL-LPQ48S3.3-50R Datasheet
200Kb / 3P
LPQ48S3.3-50R
LPQ48S5-50R WALL-LPQ48S5-50R Datasheet
209Kb / 3P
LPQ48S5-50R
logo
Winchester Electronics ...
8791116MA9 WINCHESTER-8791116MA9 Datasheet
60Kb / 1P
ADAPTER, BNC,SMA
KA-91-10 WINCHESTER-KA-91-10 Datasheet
43Kb / 1P
TNC, BNC ADAPTER
879-11-16MA9 WINCHESTER-879-11-16MA9 Datasheet
60Kb / 1P
ADAPTER BNC-SMA
logo
Adam Technologies, Inc.
RF1-30-D-XX-50 ADAM-TECH-RF1-30-D-XX-50 Datasheet
54Kb / 1P
BNC Y ADAPTER
logo
Huber+Suhner, Inc.
46_BNC-50-0-1133_N HUBERSUHNER-46_BNC-50-0-1133_N Datasheet
501Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, T-style, 3 jacks (female)
46_BNC-75-0-1133_N HUBERSUHNER-46_BNC-75-0-1133_N Datasheet
502Kb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, T-style, 3 jacks (female)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com