Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2US2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2US2
Description  Toggle Switches Ultra-Minature - Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2US2 Datasheet(HTML) 1 Page - Multicomp Pro

  2US2 Datasheet HTML 1Page - Multicomp Pro 2US2 Datasheet HTML 2Page - Multicomp Pro 2US2 Datasheet HTML 3Page - Multicomp Pro 2US2 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
11/08/20
Toggle Switches
Ultra-Minature - Sealed
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Contact Rating
: 0.4 Volt-Amps (VA) Max. at 20V AC or DC Max.
Mechanical Life
: 40,000 make-and-break cycles.
Contact Resistance
: Below 100mΩ typical at 2 to 4V DC, 100mA
Min. Insulation Resistance : 500MΩ
Dielectric Strength
: 500V RMS at sea level
Operating Temperature
: -30°C to 85°C
Materials:
Actuator
: Glass filled nylon 6/6, heat stabilized,
with standard internal o-ring seal.
Housing and base
: Glass filled nylon 66 or 4/6, heat stabilized.
Switch Support
: Brass or steel, tin plated.
Switch Function
Number
of Poles
Model
Number
Switch Function
Connected Terminals / Schematic
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
2US1
On
None
On
5 - 6
N/A
5 - 4
2US2
Mom
2US3
Off
On
Open
DP
2UD1
On
None
2 - 3, 5 - 6
N/A
2 - 1, 5 - 4
2UD2
Mom
2UD3
On
Off
On
Open
MOM = Momentary
Pole Options
M2RE
Dimensions : Millimetres (Inches)
SPDT


Similar Part No. - 2US2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2US2T1A1M2RE ETC1-2US2T1A1M2RE Datasheet
170Kb / 6P
Toggle Switches Ultra-Minature - Sealed
2US2T1A1M6RE ETC1-2US2T1A1M6RE Datasheet
170Kb / 6P
Toggle Switches Ultra-Minature - Sealed
2US2T1A1M7RE ETC1-2US2T1A1M7RE Datasheet
170Kb / 6P
Toggle Switches Ultra-Minature - Sealed
More results

Similar Description - 2US2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
Sealed Subminiature Toggle Switches
logo
List of Unclassifed Man...
2US2T1A1M2RE ETC1-2US2T1A1M2RE Datasheet
170Kb / 6P
Toggle Switches Ultra-Minature - Sealed
logo
Honeywell Accelerometer...
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
Sealed Toggle Switches
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
Sealed Toggle Switches
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com