Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812F104F Datasheet(PDF) 20 Page - Multicomp Pro

Part # 1812F104F
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1812F104F Datasheet(HTML) 20 Page - Multicomp Pro

Back Button 1812F104F Datasheet HTML 16Page - Multicomp Pro 1812F104F Datasheet HTML 17Page - Multicomp Pro 1812F104F Datasheet HTML 18Page - Multicomp Pro 1812F104F Datasheet HTML 19Page - Multicomp Pro 1812F104F Datasheet HTML 20Page - Multicomp Pro 1812F104F Datasheet HTML 21Page - Multicomp Pro 1812F104F Datasheet HTML 22Page - Multicomp Pro 1812F104F Datasheet HTML 23Page - Multicomp Pro 1812F104F Datasheet HTML 24Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Page <20>
V1.0
08/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
Q/ D.F.
(Dissipation
Factor)
Rated
vol.
D.F.≦
Exception of D.F. ≦
16V
%
3.5%
%
5%
0201=0.01μF; 0402^0.033μF; 0603^0.15μF;
0805^0.68μF; 1206^2.2μF; 1210^4.7μF
%
10%
0201>0.01uF; 0402^ 0.22uF;
0603>0.47μF; 0805^2.2μF; 1206^4.7μF;
1210^22μF
10V
%
5%
%
10%
0201^0.012μF; 0402^0.22μF;
0603^0.33μF; 0805^2.2μF; 1206^2.2μF;
1210^22μF;
%
15%
0201>0.1μF; 0402^1μF;
6.3V
%
10%
%
15%
0201>0.1μF; 0402^1μF; 0603^10μF;
0805^4.7μF; 1206^47μF; 1210^100μF
%
20%
0402^2.2μF
4V
%
15%
-
-
4
Dielectric
Strength
* To apply voltage (≤100V) 250%.
* Duration: 1 to 5 sec.
* Charge and discharge current less
than 50mA.
* No evidence of damage or flash over during test.
5
Insulation
Resistance
*Test temp.: Room Temperature.
*To apply rated voltage for MAX.
120sec.
10GΩ or RxC≧500Ω-F whichever is smaller.
Class II (X7R, X7E, X5R,X6S,X7S,Y5V:)
Rated voltage
Insulation
Resistance
100V: All X7R
10GΩ or
RxC≧100 Ω-F
whichever is
smaller.
50V:0402>0.01μF;0603≥1μF;0805≥1μF;1206≥4.7μF;
1210≥4.7μF
35V:0805≥2.2μF;1206≧2.2μF;1210≧10μF
25V:0402≥1μF;0603≥2.2μF;0805≥2.2μF;1206≥10μF;
1210≥10μF
16V: 0201≥0.1μF,0402≥0.22μF;0603≥1μF;
0805≥2.2μF;1206≥10μF;1210≥47μF
10V: 0201≥47nF;0402≥0.47μF;0603≥0.47μF;
0805≥2.2μF; 1206≥4.7μF;1210≥47μF
6.3V ; 4V ; Size≥1812
All X6S items, All X7S items
RxC^50 Ω-F.
100V: 1210≥3.3μF
50V: 0402≥0.1μF; 0603≥2.2μF; 0805≥10μF;1206≥10μF
35V: 0603≥1μF;
25V: 0201≥0.1μF; 0402≥2.2μF;0603≥10μF;
0805≥10μF;1206≥22μF
16V: 0603≥10μF; 0402≥1μF; 0201≥0.22μF
10V: 0201>0.1μF; 0402≥1μF; 0603≥10μF; 0805≥47μF
6.3V:0201≥0.1μF; 0402≥1μF; 0603>4.7μF; 0805≥47μF;
1206≥10μF
4V: 0603≥22μF; 0805≥47μF; 1206≥100μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com