Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC2MS-RED Datasheet(PDF) 3 Page - Multicomp Pro

Part # BMC2MS-RED
Description  Battery Modular Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BMC2MS-RED Datasheet(HTML) 3 Page - Multicomp Pro

  BMC2MS-RED Datasheet HTML 1Page - Multicomp Pro BMC2MS-RED Datasheet HTML 2Page - Multicomp Pro BMC2MS-RED Datasheet HTML 3Page - Multicomp Pro BMC2MS-RED Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.1
25/09/20
Battery Modular Connectors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Amperes
Series
Contact
Barrel
Size
(AWG)
Current
Rating
(Amperes)
Voltage
Rating
(Volts)
Max. Wire
Insulation
Diameter
(mm)
Contact
Retention
Force
(lbs)
Average
Connection /
Disconnect
(lbs)
Operating
Temperature
Range °C
Housings
120
6
80
600 V
14.6
100
20
-20°C to 125°C
BMC2MS-Red
4
100
BMC2MS-Grey
2
120
BMC2MS-Blue
Accessories - Connector Cable Clamps
BMC2S-FP for 2S (50 Amperes) Series
BMC2M-FP for 2M (175 Amperes) Series
Accessories - Connector Handles
Accessories - Connector Dust Cover
BMC2S-HD-Red for 2S (50 Amperes) Series
BMC2MS-HD-Red for 2MS (120 Amperes) Series
BMC2S-DC1 for 2S (50 Amperes) Series
BMC2MS-DC1 for 2MS (120 Amperes) Series
Part Number Table
Description
Part Number
Housing, Red, 15A to 45A Series
BMC1S-RED
Housing, Black, 15A to 45A Series
BMC1S-BLACK
Housing, White, 15A to 45A Series
BMC1S-WHITE
Description
Part Number
Housing, Green, 15A to 45A Series
BMC1S-GREEN
Housing, Blue, 15A to 45A Series
BMC1S-BLUE
Contact, 15A Series
BMC1AG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com