Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2US2T1M2RE Datasheet(PDF) 3 Page - Multicomp Pro

Part # 2US2T1M2RE
Description  Toggle Switches Ultra-Minature - Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2US2T1M2RE Datasheet(HTML) 3 Page - Multicomp Pro

  2US2T1M2RE Datasheet HTML 1Page - Multicomp Pro 2US2T1M2RE Datasheet HTML 2Page - Multicomp Pro 2US2T1M2RE Datasheet HTML 3Page - Multicomp Pro 2US2T1M2RE Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
11/08/20
Toggle Switches
Ultra-Minature - Sealed
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Soldering Process
Manual Soldering : Use soldering iron of 30 watts, controlled at 350°C approximately 5 seconds while applying solder.
Wave Soldering
Recommended soldering temperature
: 260 ±5°C.
Duration of solder immersion: Max. 5 s (PCB is 1.6mm in thickness).
Soldering
: Vapour phase
M7RE
SPDT
Dimensions : Millimetres (Inches)
Temperature Profile
Zone
Room Temperature
(°C)
Time
(Seconds)
Pre-heat (A)
150°C
Minimum 120
Soak (B)
180°C to 200°C
Minimum 150
Peak (C)
200°C to 235°C
Minimum 30
Peak (D)
235°C to 260°C
Minimum 40
Peak (E)
260°C
Maximum 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com