Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF13NM50N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF13NM50N
Description  N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF13NM50N Datasheet(HTML) 5 Page - STMicroelectronics

  STF13NM50N Datasheet HTML 1Page - STMicroelectronics STF13NM50N Datasheet HTML 2Page - STMicroelectronics STF13NM50N Datasheet HTML 3Page - STMicroelectronics STF13NM50N Datasheet HTML 4Page - STMicroelectronics STF13NM50N Datasheet HTML 5Page - STMicroelectronics STF13NM50N Datasheet HTML 6Page - STMicroelectronics STF13NM50N Datasheet HTML 7Page - STMicroelectronics STF13NM50N Datasheet HTML 8Page - STMicroelectronics STF13NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STB13NM50N/-1 - STF13NM50N - STP13NM50N - STW13NM50N
Electrical characteristics
5/17
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=250V, ID=6A,
RG=4.7Ω, VGS=10V
(see Figure 17)
30
15
40
10
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
12
48
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD=12A, VGS=0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=12A, VDD=100V
di/dt = 100A/µs,Tj=25°C
(see Figure 19)
300
3
22
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=12A,VDD=100V
di/dt=100A/µs,Tj=150°C
(see Figure 19)
370
4
22
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com