Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2006W Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH2006W
Description  Turbo 2 ultrafast high voltage rectifierV
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2006W Datasheet(HTML) 2 Page - STMicroelectronics

  STTH2006W Datasheet HTML 1Page - STMicroelectronics STTH2006W Datasheet HTML 2Page - STMicroelectronics STTH2006W Datasheet HTML 3Page - STMicroelectronics STTH2006W Datasheet HTML 4Page - STMicroelectronics STTH2006W Datasheet HTML 5Page - STMicroelectronics STTH2006W Datasheet HTML 6Page - STMicroelectronics STTH2006W Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STTH2006
2/7
1
Characteristics
s
To evaluate the conduction losses use the following equation:
P = 1.13 x IF(AV) + 0.011 IF
2
(RMS)
Table 2.
Thermal resistance
Symbol
Parameter
Value
(max).
Unit
Rth(j-c)
Junction to case
1.1
°C/W
Table 3.
Static electrical characteristic
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage
current
Tj = 25° C
VR = VRRM
25
µA
Tj = 150° C
80
800
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 25° C
IF = 20 A
1.75
V
Tj = 150° C
1.00
1.35
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ Max. Unit
trr
Reverse recovery
time
Tj = 25° C
IF = 0.5 A Irr = 0.25 A IR =1 A
50
ns
IF = 1 A dIF/dt = -50 A/µs
VR =30 V
50
70
IRM
Reverse recovery
current
Tj = 125° C
IF = 30 A
VR = 400 V
dIF/dt = -100 A/µs
811
A
tfr
Forward recovery
time
Tj = 25 °C
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
500
ns
VFP
Forward recovery
voltage
Tj = 25° C
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
2.5
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com