Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 14 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 14 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 10Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 11Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 12Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 13Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 14Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 15Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 16Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 17Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 18Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
PAXI: PRINT REQUEST
PAXI: PRINT REQUEST AND RESET DISPLAYS
14
6.2 mOdule 2 - user inpuT and frOnT panel funCTiOn Key
parameTers ()
PARAMETER MENU




NO FUNCTION
With this selection, NO function is performed. This is the factory setting for
all user inputs and function keys except the Reset (
RST) Key.
NOTE: When a user input is used to accept a quad or directional input
signal, then that user input should be programmed for NO function.




RESET DISPLAY
When activated (momentary action), the shown display is reset. This is the
factory setting for the Reset (
RST) Key.




EXCHANGE PARAMETER LISTS




Two lists of values are available for , , , , , ,

, , , . The two lists are named  and .
If a user input is used to select the list then  is selected when the user
input is not active and and  is selected when the user input is active,
(maintained action). If a front panel key is used to select the list then the list will
toggle for each key press, (momentary action). The meter will suspend ALL
operations for approximately 1 msec. while the new values are loaded. The
display will only indicate which list is active when the list is changed or when
entering any Programming Mode.
To program the values for  and , first complete the programming
of all the parameters. Exit programming and switch to the other list. Re-enter
programming and enter the values for , , , , , ,

, , , . If any other parameters are changed then the
other list values must be reprogrammed.


PROGRAMMING MODE LOCK-OUT
Programming Mode is locked-out, as long as activated
(maintained action). In Module 3, certain parameters can
be setup where they are still accessible during
Programming Mode Lockout. A security code can be
configured to allow complete programming access during user input lockout.
Function keys should not be programmed for .
The meter issues a block print through the serial port when activated. The
data transmitted during the print request is configured in Module 7. If the user
input is still active after the transmission is complete (about 100 msec.), an
additional transmission will occur. Only one transmission will take place with
each function key depression. This selection will only function when a serial
communications option card is installed in the meter.
Module 2 is the programming for rear terminal user inputs and front panel
function keys.
Three rear terminal user inputs are individually programmable to perform
specific meter control functions. While in the Display Mode, the function is
executed when the user input transitions to the active state. (Refer to the user
input specifications for active state response times.) Certain user input functions
are disabled in “full” Programming Mode.
Three front panel function
F1, F2 and RST keys are also individually
programmable to perform specific meter control functions. While in the Display
Mode, the primary function is executed when the key is pressed. Holding the
F1 and F2 function keys for three seconds executes a secondary function. It is
possible to program a secondary function without a primary function. The front
panel key functions are disabled in both Programming Modes.
In most cases, if more than one user input and/or function key is programmed
for the same function, the maintained (level trigger) actions will be performed
while at least one of those user inputs or function keys are activated. The
momentary (edge trigger) actions are performed every time any of those user
inputs or function keys transition to the active state. All functions are available
to both user inputs and function keys.
Some of the user functions have a sublist of parameters. The sublist is
accessed when
PAR is pressed at the listed function. The function will only be
performed for the parameters entered as . If a user input or function key is
configured for a function with a sublist, then that sublist will need to be scrolled
through each time to access the following user inputs or function keys
parameters.


ADVANCE DISPLAY
When activated (momentary action), the display advances to the next display
that is not locked out from the Display Mode.


Shaded parameters do not apply to the PAXR.




The meter issues a block print through the serial port when activated just like
the Print Request function. In addition, when activated (momentary action), the
meter performs a reset of the displays configured as . The print aspect of this
action only functions when a serial communication option card is installed. The
reset action functions regardless.
DISPLAY
DESCRIPTION
FACTORY
 
Counter A

 
Counter B

 
Counter C


Maximum


Minimum




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com