Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAX-1/8 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # PAX-1/8
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAX-1/8 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  PAX-1/8 Datasheet HTML 1Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 2Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 3Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 4Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 5Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 6Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 7Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 8Page - Red Lion Controls. Inc PAX-1/8 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Ordering Information .................... 2
General Meter Specifications ............. 3
PAXC Counter ......................... 4
PAXR Rate Meter ...................... 4
PAXI Counter/Rate Meter ................ 5
Option Cards .......................... 6
Crimson Programming Software ........... 7
Installing the Meter ..................... 7
Setting the Jumper and DIP Switches ...... 8
Installing Option Cards .................. 8
Wiring the Meter ....................... 9
Reviewing the Front Buttons and Display... 11
Programming the Meter. . . . . . . . . . . . . . . . . 11
Factory Service Operations.............. 28
Troubleshooting....................... 29
Parameter Value Chart ................. 30
Programming Overview................. 32
Table Of COnTenTs
Meter Part Numbers
Option Card and Accessories Part Numbers
TYPE
MODEL NO.
DESCRIPTION
PART NUMBER
Option
Cards
PAXCDS
Dual Setpoint Relay Output Card
PAXCDS10
Quad Setpoint Relay Output Card
PAXCDS20
Quad Setpoint Sinking Open Collector Output Card
PAXCDS30
Quad Setpoint Sourcing Open Collector Output Card
PAXCDS40
Dual Triac/Dual SSR Drive Output Card
PAXCDS50
Quad Form C Relay Output Card
PAXCDS60 *
PAXCDC1
RS485 Serial Communications Card with Terminal Block
PAXCDC10
Extended RS485 Serial Communications Card with Dual RJ11 Connector
PAXCDC1C
RS232 Serial Communications Card with Terminal Block
PAXCDC20
Extended RS232 Serial Communications Card with 9 Pin D Connector
PAXCDC2C
DeviceNet Communications Card
PAXCDC30
Profibus-DP Communications Card
PAXCDC50
PAXUSB
PAX USB Programming Card (Not included in PAX product UL E179259 file).
PAXUSB00
PAXCDL
Analog Output Card
PAXCDL10
Accessories
SFCRD2
Crimson PC Configuration Software for Windows 2000, XP and Windows 7
SFCRD200
ICM8
Communication Gateway
ICM80000
* This card is not suitable for use in older PAX models. For proper installation, a case knock-out feature must be present on the top surface
of the PAX case. This feature began to be introduced to the standard PAX units in July of 2014 (2614).
Notes:
1.
For Modbus communications use RS485 Communications Card and configure Communication Type parameter (tYPE) for Modbus.
2.
Crimson software is available for free download from http://www.redlion.net/
3. Shaded areas are only available for the PAXI
Ordering infOrmaTiOn
PAX
0
0
C - Counter/Dual Counter
R - Rate Meter
I - Counter/Dual Counter/
Rate Meter/Slave Display
0 - Red, Sunlight Readable Display
1 - Green Display
2 - 85 to 250 VAC
3 - 11 to 36 VDC, 24 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com