Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAM2AC0002D2B Datasheet(PDF) 6 Page - APEM

Part # PBAM2AC0002D2B
Description  Piezo switches Ø 30 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAM2AC0002D2B Datasheet(HTML) 6 Page - APEM

  PBAM2AC0002D2B Datasheet HTML 1Page - APEM PBAM2AC0002D2B Datasheet HTML 2Page - APEM PBAM2AC0002D2B Datasheet HTML 3Page - APEM PBAM2AC0002D2B Datasheet HTML 4Page - APEM PBAM2AC0002D2B Datasheet HTML 5Page - APEM PBAM2AC0002D2B Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
APEM
www.apem.com
New!
PBA series
Piezo switches Ø 30 mm
Options
LED COLOURS
Integrated LED resistor
Blank
: non-illuminated
Illuminated 1 LED *
0B
: blue - 0G : green - 0S : red - 0Y : yellow - 0W : white
Illuminated 2 LEDs
(with translucent ring)
2A
: red/green - 2B : red/yellow - 2C : red/blue - 2D : red/white - 2E : green/blue - 2F : green/yellow - 2G : green/white
2H
: blue/yellow - 2I : blue/white - 2K : yellow/white
Illuminated 3 LEDs
(with translucent ring)
3A
: red/green/blue - 3B : red/green/yellow - 3D : red/green/white - 3E : red/blue/yellow - 3F : red/blue/white
3G
: red/yellow/white - 3H : green/blue/yellow - 3I : green/blue/white - 3J : green/yellow/white - 3K : blue/yellow/white
* LED colour is indicated by the bottom of the product.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com