Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAM2AC2002D2B Datasheet(PDF) 3 Page - APEM

Part # PBAM2AC2002D2B
Description  Piezo switches Ø 30 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAM2AC2002D2B Datasheet(HTML) 3 Page - APEM

  PBAM2AC2002D2B Datasheet HTML 1Page - APEM PBAM2AC2002D2B Datasheet HTML 2Page - APEM PBAM2AC2002D2B Datasheet HTML 3Page - APEM PBAM2AC2002D2B Datasheet HTML 4Page - APEM PBAM2AC2002D2B Datasheet HTML 5Page - APEM PBAM2AC2002D2B Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APEM
www.apem.com
3
New!
PBA series
Piezo switches Ø 30 mm
Overview
PBA
SERIES
Terminals
F
Flying leads
C
Cable
Colors / Materials
0 Natural anodized
1
Blue anodized
2 Black anodized
3
Green anodized
5
Gold anodized
6
Red anodized
B Stainless steel 316L
Bold = standard
Ratings
002
1 A 24 VAC/DC
Electrical function
A
NO (pulse)
Bushing / operator
All models with Ø 30 mm (1.181)
bushing and Ø 36 mm (1.417) operator
M1
Operator height 2.5 mm (.098)
Non-illuminated
M2
Operator height 2.5 mm (.098)
Illuminated, flush translucent ring
M3
Operator height 2.5 mm .098)
Illuminated, flush colored ring
(same color as LED, one LED only)
M4
Operator height 5.5 mm (.216)
Illuminated, prominent translucent
ring
M5
Operator height 5.5 mm (.216)
Illuminated, prominent colored ring
(same color as LED, one LED only)
LED colors
Blank
Non-illum.
0B
Blue
0G
Green
0S
Red
0Y
Yellow
0W
White
2A
Red/green
2B
Red/yellow
2C
Red/blue
2D
Red/white
2E
Green/blue
2F
Green/yellow
2G
Green/white
2H
Blue/yellow
2I
Blue/white
2K
Yellow/white
LED colors (continued)
3A
Red/green/blue
3B
Red/green/yellow
3D
Red/green/white
3E
Red/blue/yellow
3F
Red/blue/white
3G
Red/yellow/white
3H
Green/blue/yellow
3I
Green/blue/white
3J
Green/yellow/white
3K
Blue/yellow/white
Bicolor or tricolor, order with
translucent ring (M2 or M4)
LED voltage
Blank
Non-illuminated
C
5 VDC
D
12 VDC
E
24 VDC
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
For options not listed above, please contact APEM.
Mounting accessories
: standard hardware supplied :1 hex nut U6730 (36 mm ac. flats) and 1 O-ring.
Always add a ground washer U7340 when the panel is non-conductive (PVC, polycarbonate).
Dimensions
: First dimensions are in mm while inches are shown as bracketed numbers.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com