Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAM2AC3002D2B Datasheet(PDF) 1 Page - APEM

Part # PBAM2AC3002D2B
Description  Piezo switches Ø 30 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAM2AC3002D2B Datasheet(HTML) 1 Page - APEM

  PBAM2AC3002D2B Datasheet HTML 1Page - APEM PBAM2AC3002D2B Datasheet HTML 2Page - APEM PBAM2AC3002D2B Datasheet HTML 3Page - APEM PBAM2AC3002D2B Datasheet HTML 4Page - APEM PBAM2AC3002D2B Datasheet HTML 5Page - APEM PBAM2AC3002D2B Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APEM
www.apem.com
1
New!
PBA series
Piezo switches Ø 30 mm
Distinctive features and specifications
K
Bushing diameter 30 mm (1.181)
K
Sealed to IP68 and IP69K (switches mounted on panel)
K
Easy to clean metal surface
K
Very long life expectancy
K
Ring illumination: flush or prominent ring
ENVIRONMENTAL SPECIFICATIONS
• Sealing : IP68 per IEC 60529, IP69K per DIN 40050-9
(switches mounted on panel)
• Operating temperature : -40 °C to +75 °C (-40 °F to +167 °F)
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load : 1 A 24 VAC/DC
• Switch resistance ON : 10 Ω max.
• Switch resistance OFF : 5 MΩ min.
• Life expectancy : 50 million cycles
• LED consumption : 20 mA
SEALING
IP68
SEALING
IP69K
MATERIALS
• Case : aluminum, anodized
or stainless steel 316L
• Multi-wire leads section 0,22 mm2
length 300 mm, twisted by pair
• Cable, length 300 mm, section
depending on switch model
GENERAL SPECIFICATIONS
• Operating force : 6 to 12 N
• Torque : 1.5 Nm min. - 10 Nm max
Œ One-piece bushing
 Epoxy sealed terminals
Ž O-ring
Continuous immersion in water
IP68 test conditions
Continuous immersion in water
(1m, 24 hours)
IP69K test conditions
. Pressure : 80 - 120 bars
. Distance : 15 cm
. Temperature : 80°C ± 5°C
. Flow : 14 - 16 l/mn
. Duration : 30 seconds per position
High pressure, high temperature wash down
Note
: to maintain the ESD performance,
always add a ground washer when the
panel is made of non-conductive material
(PVC, polycarbonate).
For part numbers, see “Mounting
accessories“ on the following pages.
The company reserves the right to change specifications without notice.
SW-PBA30-1706


Similar Part No. - PBAM2AC3002D2B

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PBAMR2 POWERBOX-PBAMR2 Datasheet
177Kb / 1P
24 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR3 POWERBOX-PBAMR3 Datasheet
187Kb / 1P
36 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR4 POWERBOX-PBAMR4 Datasheet
179Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR5 POWERBOX-PBAMR5 Datasheet
178Kb / 1P
100 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results

Similar Description - PBAM2AC3002D2B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPD1S2W4P ITT-KPD1S2W4P Datasheet
265Kb / 3P
Piezo Pulse Momentary Pushbutton Switches
logo
Vishay Siliconix
VLHW4100 VISHAY-VLHW4100 Datasheet
110Kb / 5P
Ultrabright White LED, Ø 3 mm
13-Jul-10
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
Ø 7.5 mm Film Dielectric Trimmers
20-Jun-13
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
HSPL8568 ETC-HSPL8568 Datasheet
576Kb / 1P
Ø 4 mm-Sicherheits-Programm CAT IV , Ø 4 mm Safety Programme CAT IV
logo
WECO ELECTRICAL CONNECT...
931-SLR-THR WECO-931-SLR-THR Datasheet
88Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
931-SLS WECO-931-SLS Datasheet
69Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
04.18
971-SLR-THR WECO-971-SLR-THR Datasheet
86Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
971-SLR WECO-971-SLR Datasheet
70Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
07.19
971-SLS WECO-971-SLS Datasheet
52Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with support
07.19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com