Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV2F240NN. Datasheet(PDF) 1 Page - E-SWITCH

Part # PV2F240NN.
Description  PV2 Anti-vandal Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV2F240NN. Datasheet(HTML) 1 Page - E-SWITCH

  PV2F240NN. Datasheet HTML 1Page - E-SWITCH PV2F240NN. Datasheet HTML 2Page - E-SWITCH PV2F240NN. Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
SpecificationS
XXX SerieS
featureS & BenefitS
applicationS / MarketS
Part Number CoNfigurator
PV2 SerieS aNti-VaNdal SwitCh
Specifications subject to change without notice
• 16mm panel cutout
• Solder or screw termination options
• Flat, high or domed actuator options
• IP65 rated
Electrical Rating: 2A, 36VDC
Mechanical Life: 1,000,000 Cycles
Electrical Life: 200,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 1000 MΩ Min.
Dielectric Strength: 2,000VAC
Operating/Storage Temperature: -20°C to 55°C
Travel: 2.50mm
Moisture Protection: IP65
Contact Arrangement: SPST Off-(On)
Actuation Force: 4 N
Panel Thickness: 1-6mm
Mounting Nut Torque: 0.8Nm
Medical Equipment
NOTES:
*(ON) Denotes function is momentary
PV2
F - Flat
H - High
S - Domed
0 - 2A,
36VDC
G - Gold
N - Nickel
S - Polished
Stainless
B - Brushed
Stainless
1 - Black Anod-
ized
NONE - Silver
G - Gold
Series
Actuator
Options
Rating
Options
Body
Finish
Options
Contact
Material
Options
2 - Solder
6 - Screw
Terminal
Options
4 - Off - (On)*
Function
Options
G - Gold
N - Nickel
S - Polished
Stainless
B - Brushed
Stainless
1 - Black Anod-
ized
Actuator
Finish
Options
NONE - Non-
Illuminated
M01 - Power
Symbol
Marking
Options


Similar Part No. - PV2F240NN.

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV2F240NN E-SWITCH-PV2F240NN Datasheet
193Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
PV2F240NNM01 E-SWITCH-PV2F240NNM01 Datasheet
188Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
More results

Similar Description - PV2F240NN.

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com