Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAM2AC5002D2B Datasheet(PDF) 4 Page - APEM

Part # PBAM2AC5002D2B
Description  Piezo switches Ø 30 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAM2AC5002D2B Datasheet(HTML) 4 Page - APEM

  PBAM2AC5002D2B Datasheet HTML 1Page - APEM PBAM2AC5002D2B Datasheet HTML 2Page - APEM PBAM2AC5002D2B Datasheet HTML 3Page - APEM PBAM2AC5002D2B Datasheet HTML 4Page - APEM PBAM2AC5002D2B Datasheet HTML 5Page - APEM PBAM2AC5002D2B Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
APEM
www.apem.com
New!
PBA series
Piezo switches Ø 30 mm
Illuminated or non-illuminated
MODEL
STRUCTURE
Non-illuminated, operator height 2.50 mm (.098)
PBAM1
Flush illuminated ring, operator height 2.50 mm (.098)
Translucent ring
PBAM2
Colored ring
PBAM3
Prominent illuminated ring, operator height 5.50 mm (.216)
Translucent ring
PBAM4
Colored ring
PBAM5
Wire colours
: see “Wiring diagrams” on previous pages.
Shown with flying lead terminals
© O-ring
© O-ring
© O-ring



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com