Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2.A Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ27Z561YPHR-R2.A
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2.A Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2.A Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 18Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 19Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 20Page - Texas Instruments BQ27Z561YPHR-R2.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
• To set the Cell Low Voltage or clear the Cell Low Voltage, use Settings: Configuration: Init Voltage Low
Set or Clear. This is used to set the cell voltage level that will set (clear) the [VOLT_LO] bit in the Interrupt
Status register.
• To enable the internal temperature and the external temperature sensors: Set Settings:Configuration:
Temperature Enable: Bit 0 (TSInt) = 1 for the internal sensor; set Bit 1 (TS1) = 1 for the external sensor.
9.2.3 Calibration Process
The calibration of current, voltage, and temperature readings is accessible by writing 0xF081 or 0xF082 to
ManufacturerAccess(). A detailed procedure is included in the BQ27Z561-R2 Technical Reference Manual
in the Calibration section. The description allows for calibration of cell voltage measurement offset, battery
voltage, current calibration, coulomb counter offset, PCB offset, CC gain and capacity gain, and temperature
measurement for both internal and external sensors.
9.2.4 Gauging Data Updates
When a battery pack enabled with the BQ27Z561-R2 gas gauge is cycled, the value of FullChargeCapacity()
updates several times, including the onset of charge or discharge, charge termination, temperature delta,
resistance updates during discharge, and relaxation. Figure 9-3 shows actual battery voltage, load current,
and FullChargeCapacity() when some of those updates occur during a single application cycle.
Update points from the plot include:
• Charge termination at 7900 s
• Relaxation at 9900 s
• Resistance update at 11500 s
9.2.4.1 Application Curve
Figure 9-3. Full Charge Capacity Tracking (X-Axis Is Seconds)
www.ti.com
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com