Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAR5AP2002W0B Datasheet(PDF) 4 Page - APEM

Part # PBAR5AP2002W0B
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AP2002W0B Datasheet(HTML) 4 Page - APEM

  PBAR5AP2002W0B Datasheet HTML 1Page - APEM PBAR5AP2002W0B Datasheet HTML 2Page - APEM PBAR5AP2002W0B Datasheet HTML 3Page - APEM PBAR5AP2002W0B Datasheet HTML 4Page - APEM PBAR5AP2002W0B Datasheet HTML 5Page - APEM PBAR5AP2002W0B Datasheet HTML 6Page - APEM PBAR5AP2002W0B Datasheet HTML 7Page - APEM PBAR5AP2002W0B Datasheet HTML 8Page - APEM PBAR5AP2002W0B Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
B2-132
APEM
www.apem.com
B2
PBA series
Piezo switches Ø 16 (.630)
Illuminated or non-illuminated
FICHIER: CPBADEC
le 10/12/08
ECHELLE: 0.7
CPBADEC2-A
indice A
CPBADEC3-A
CPBADEC1-A
(.637 DIA)
Ø16.20
Ø19.20
(.756 DIA)
(.874 DIA)
Ø22.20
2.80
(.110)
Ø22.20
(.874 DIA)
MODEL
STRUCTURE
• Operator Ø 18 mm (.708)
Shown with flying lead terminals.
Non-illuminated, operator height 4,50 mm (.177)
Flat
PBAR1
With finger location
PBAR5
FICHIER: CPBA16-P9
le 25/11/08
ECHELLE: 0.7
indice A
CPBA161-A
CPBA163-A
CPBA162-A
1.20
(.047)
Ø13.50
(.531DIA)
(.630DIAx1.00 IS)
Ø16.00x1.00 SI
(.708DIA)
Ø18.00
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
2
0.22mm
R5
R1
0.22mm2
2
(.177)
4.50
(.197)
5.00
0.22mm
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
Ø18.00
(.708DIA)
(.512DIA)
Ø13.00
Non-illuminated, operator height 1 mm (.039)
Flat
PBAT5
With standard illuminated ring
Flat operator, height 4,50 (.177)
PBAR1
Wire colours
: see “Electrical functions”
PBAR1AF2000
PBAT5AF0000
PBAR1AF0000A0B
FICHIER: CPBA16-P9
le 25/11/08
ECHELLE: 0.7
indice A
CPBA161-A
CPBA163-A
CPBA162-A
1.20
(.047)
Ø13.50
(.531DIA)
(.630DIAx1.00 IS)
Ø16.00x1.00 SI
(.708DIA)
Ø18.00
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
2
0.22mm
R5
R1
0.22mm2
2
(.177)
4.50
(.197)
5.00
0.22mm
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
Ø18.00
(.708DIA)
(.512DIA)
Ø13.00
FICHIER: CPBA16-P9
le 25/11/08
ECHELLE: 0.7
indice A
CPBA161-A
CPBA163-A
CPBA162-A
1.20
(.047)
Ø13.50
(.531DIA)
(.630DIAx1.00 IS)
Ø16.00x1.00 SI
(.708DIA)
Ø18.00
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
2
0.22mm
R5
R1
0.22mm2
2
(.177)
4.50
(.197)
5.00
0.22mm
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
Ø18.00
(.708DIA)
(.512DIA)
Ø13.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com