Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV74 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV74
Description  Small Signal Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV74 Datasheet(HTML) 2 Page - ON Semiconductor

  BAV74 Datasheet HTML 1Page - ON Semiconductor BAV74 Datasheet HTML 2Page - ON Semiconductor BAV74 Datasheet HTML 3Page - ON Semiconductor BAV74 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
BAV70 / 74, Rev. D1
Small Signal Diode
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Electrical Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
BAV70
BAV74
70
50
V
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
2.0
A
A
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
350
mW
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VR
Breakdown Voltage
BAV70
BAV74
IR = 100µA
IR = 5.0µA
75
50
V
V
VF
Forward Voltage
BAV70
BAV74
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
IF = 100mA
715
855
1.0
1.25
1.0
mV
mV
V
V
V
IR
Reverse Leakage
BAV70
BAV74
VR = 25V, TA = 150°C
VR = 70V
VR = 70V, TA = 150°C
VR = 50V
VR = 50V, TA = 150°C
60
5.0
100
100
100
µA
µA
µA
nA
µA
CT
Total Capacitance
BAV70
BAV74
VR = 0V, f = 1.0MHz
VR = 0V, f = 1.0MHz
1.5
2.0
pF
pF
trr
Reverse Recovery Time
BAV70
BAV74
IF = IR = 10mA, IRR = 1.0mA,
RL = 100Ω
IF = IR = 10mA, IRR = 1.0mA,
RL = 100Ω
6.0
4.0
ns
ns
BAV70 / 74
Connection Diagram
12
3
A4
1
2
3
SOT-23
3
1
2
BAV70
A4
BAV74
JA
MARKING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com