Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0600 Datasheet(PDF) 2 Page - ON Semiconductor

Part # HCPL0600
Description  High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0600 Datasheet(HTML) 2 Page - ON Semiconductor

  HCPL0600 Datasheet HTML 1Page - ON Semiconductor HCPL0600 Datasheet HTML 2Page - ON Semiconductor HCPL0600 Datasheet HTML 3Page - ON Semiconductor HCPL0600 Datasheet HTML 4Page - ON Semiconductor HCPL0600 Datasheet HTML 5Page - ON Semiconductor HCPL0600 Datasheet HTML 6Page - ON Semiconductor HCPL0600 Datasheet HTML 7Page - ON Semiconductor HCPL0600 Datasheet HTML 8Page - ON Semiconductor HCPL0600 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
August 2013
HCPL0600, HCPL0601, HCPL0611,
HCPL0637, HCPL0638, HCPL0639
High Speed-10 MBit/s Logic Gate Optocouplers
Single Channel: HCPL0600, HCPL0601, HCPL0611
Dual Channel: HCPL0637, HCPL0638, HCPL0639
Features
■ Compact SO8 package
■ Very high speed-10 MBit/s
■ Superior CMR
■ Logic gate output
■ Strobable output (single channel devices)
■ Wired OR-open collector
■ U.L. recognized (File # E90700)
■ IEC60747-5-2 approved (VDE option)
– HCPL0600, HCPL0601, HCPL0611 only
Applications
■ Ground loop elimination
■ LSTTL to TTL, LSTTL or 5-volt CMOS
■ Line receiver, data transmission
■ Data multiplexing
■ Switching power supplies
■ Pulse transformer replacement
■ Computer-peripheral interface
Description
The HCPL06XX optocouplers consist of an AlGaAS
LED, optically coupled to a very high speed integrated
photo-detector logic gate with a strobable output (single
channel devices). The devices are housed in a compact
small-outline package. This output features an open col-
lector,
thereby
permitting
wired
OR
outputs. The
HCPL0600, HCPL0601 and HCPL0611 output consists
of bipolar transistors on a bipolar process while the
HCPL0637, HCPL0638, and HCPL0639 output consists
of bipolar transistors on a CMOS process for reduced
power consumption. The coupled parameters are guar-
anteed over the temperature range of -40°C to +85°C.
An internal noise shield provides superior common
mode rejection.
Package Dimensions
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
Pin 1
0.019 (0.48)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
Note:
All dimensions are in inches (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com