Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060.. Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBR1060..
Description  Schottky Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1060.. Datasheet(HTML) 5 Page - ON Semiconductor

  MBR1060.. Datasheet HTML 1Page - ON Semiconductor MBR1060.. Datasheet HTML 2Page - ON Semiconductor MBR1060.. Datasheet HTML 3Page - ON Semiconductor MBR1060.. Datasheet HTML 4Page - ON Semiconductor MBR1060.. Datasheet HTML 5Page - ON Semiconductor MBR1060.. Datasheet HTML 6Page - ON Semiconductor MBR1060.. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MBR1035 - MBR1060 Rev. 1.2.1
4
Physical Dimensions
Figure 7. TO-220, MOLDED, 2-LEAD (ACTIVE)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/TO/TO220B02.pdf.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/packing_dwg/PKG-TO220B02.pdf.
5°
3°
5°
3°
4.672
4.472
10.360
10.109
4.036
3.636
2.860
2.660
8.787
8.587
15.215
14.757
2.640
2.440
1.65
1.25
0.889
0.787
5.180
4.980
1.91
13.894
12.941
0.60 MAX
0.36 M
BA
0.36 M C AB
A
B
1.400
1.146
7°
3°
6.477
6.121
2.755
2.555
0.457
0.357
5°
3°
5°
3°
C
12.878
12.190
8.89
6.86
3.962
3.720
NOTES:
A. PACKAGE REFERENCE: JEDEC TO220
VARIATION AC.
B. ALL DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSION AND TOLERANCE AS PER ASME
Y14.5-1994.
D. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
E. THIS PACKAGE IS FSSZ INTERNAL PRODUCTION
AND INTENDED FOR DELTA CUSTOMER ONLY.
F. DRAWING FILE NAME: TO220B02REV4
12
3
TO-220 2L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com