Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS751 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS751
Description  Amplifier Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS751 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS751 Datasheet HTML 1Page - ON Semiconductor MPS751 Datasheet HTML 2Page - ON Semiconductor MPS751 Datasheet HTML 3Page - ON Semiconductor MPS751 Datasheet HTML 4Page - ON Semiconductor MPS751 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN − MPS650, MPS651; PNP − MPS750, MPS751
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
MPS650, MPS750
MPS651, MPS751
V(BR)CEO
40
60
−
−
Vdc
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0 )
MPS650, MPS750
MPS651, MPS751
V(BR)CBO
60
80
−
−
Vdc
Emitter−Base Breakdown Voltage
(IC = 0, IE = 10 mAdc)
V(BR)EBO
5.0
−
Vdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
MPS650, MPS750
(VCB = 80 Vdc, IE = 0)
MPS651, MPS751
ICBO
−
−
0.1
0.1
mAdc
Emitter Cutoff Current
(VEB = 4.0 V, IC = 0)
IEBO
−
0.1
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 50 mA, VCE = 2.0 V)
(IC = 500 mA, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
(IC = 2.0 A, VCE = 2.0 V)
hFE
75
75
75
40
−
−
−
−
−
Collector−Emitter Saturation Voltage
(IC = 2.0 A, IB = 200 mA)
(IC = 1.0 A, IB = 100 mA)
VCE(sat)
−
−
0.5
0.3
Vdc
Base−Emitter On Voltage
(IC = 1.0 A, VCE = 2.0 V)
VBE(on)
−
1.0
Vdc
Base −Emitter Saturation Voltage
(IC = 1.0 A, IB = 100 mA)
VBE(sat)
−
1.2
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 2)
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
75
−
MHz
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle = 2.0%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.
Figure 1. MPS650, MPS651
Typical DC Current Gain
IC, COLLECTOR CURRENT (mA)
10
300
0
VCE = 2.0 V
TJ = 125°C
25
°C
-55
°C
NPN
IC, COLLECTOR CURRENT (mA)
-10
-20
-50 -100 -200
-500
250
0
PNP
30
60
90
120
150
180
210
240
270
20
50
100
200
500 1.0 A 2.0 A 4.0 A
25
50
75
100
125
200
175
150
225
-1.0 A -2.0 A -4.0 A
VCE = -2.0 V
TJ = 125°C
25
°C
-55
°C
Figure 2. MPS750, MPS751
Typical DC Current Gain



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com