Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD171N..K..-K Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # DD171N..K..-K
Description  Rectifier Diode Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD171N..K..-K Datasheet(HTML) 4 Page - Infineon Technologies AG

  DD171N..K..-K Datasheet HTML 1Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 2Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 3Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 4Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 5Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 6Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 7Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 8Page - Infineon Technologies AG DD171N..K..-K Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD171N
IFBIP D AEC / 2016-01-28, A.Glunz
A 13/11
4/9
Seite/page
R,T
– Werte
R,Tau-Glieder des Elements
Transienter Wärmewiderstand
Analytische Elemente des transienten Wärmewiderstandes Z thJC für DC
Analytical elements of transient thermal impedance Z thJC for DC
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,0094
0,0224
0,0586
0,162
τ
n [s]
0,0014
0,0253
0,267
1,68
Analytische Funktion / Analytical function:
max
n
n=1
thn
thJC
n
– t
- e
1
R
Z
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t)
Parameter: Stromflußwinkel
Θ / Current conduction angle Θ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com