Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3301 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments CC3301 Datasheet HTML 11Page - Texas Instruments CC3301 Datasheet HTML 12Page - Texas Instruments CC3301 Datasheet HTML 13Page - Texas Instruments CC3301 Datasheet HTML 14Page - Texas Instruments CC3301 Datasheet HTML 15Page - Texas Instruments CC3301 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
6.10 Current Consumption - WLAN Static Modes
All results are based on measurements taken using the RadioTool evaluation application (typ values are taken with nominal
devices at room temp).
PARAMETER
TEST CONDITION
SUPPLY
TYP
MAX
UNIT
Continuous TX(1)
1 DSSS
TX power = 20.5 dBm
VMain
92
mA
VPA
250
290
6 OFDM
TX power = 20.2 dBm
VMain
105
170
VPA
250
290
54 OFDM
TX power = 17.4 dBm
VMain
110
VPA
180
HT MCS0
TX power = 20.2 dBm
VMain
105
VPA
245
HT MCS7
TX power = 17.4 dBm
VMain
110
VPA
180
HE MCS0
TX power = 20.2 dBm
VMain
105
VPA
240
HE MCS7
TX power = 17.3 dBm
VMain
110
VPA
180
Continuous RX
VMain
62
VPA
0
(1)
Peak current VPA can hit 340mA during device calibration.
Peak current VMAIN of 185mA including periperhals and internal cortex
6.11 Current Consumption - WLAN Use Cases
Nominal device at room temp
MODE
DESCRIPTION
MIN
TYP
MAX
UNIT
DTIM=1
System with 3.3V to Ext. DC/DC at 85% efficiency
WLAN beacon reception every DTIM=1 (~102ms)
637
µA
System with 1.8V
WLAN beacon reception every DTIM=1 (~102ms)
980
DTIM=3
System with 3.3V to Ext. DC/DC at 85% efficiency
WLAN beacon reception every DTIM=1 (~102ms)
371
System with 1.8V
WLAN beacon reception every DTIM=1 (~102ms)
570
DTM=5
System with 3.3V to Ext. DC/DC at 85% efficiency
WLAN beacon reception every DTIM=1 (~102ms)
319
System with 1.8V
WLAN beacon reception every DTIM=1 (~102ms)
490
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com