Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2591RGVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2591RGVT.B
Description  CC2591 2.4-GHz RF Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2591RGVT.B Datasheet(HTML) 1 Page - Texas Instruments

  CC2591RGVT.B Datasheet HTML 1Page - Texas Instruments CC2591RGVT.B Datasheet HTML 2Page - Texas Instruments CC2591RGVT.B Datasheet HTML 3Page - Texas Instruments CC2591RGVT.B Datasheet HTML 4Page - Texas Instruments CC2591RGVT.B Datasheet HTML 5Page - Texas Instruments CC2591RGVT.B Datasheet HTML 6Page - Texas Instruments CC2591RGVT.B Datasheet HTML 7Page - Texas Instruments CC2591RGVT.B Datasheet HTML 8Page - Texas Instruments CC2591RGVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC2591
SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014
CC2591 2.4-GHz RF Front End
1
Device Overview
1.1
Features
1
• Seamless Interface to 2.4-GHz Low-Power RF
• Digital Control of LNA Gain by HGM Pin
Devices from Texas Instruments
• 100-nA in Power Down (EN = PAEN = 0)
• Output Power up to 22 dBm
• Low Transmit Current Consumption
• Few External Components
(100 mA at 3 V for 20-dBm Out, PAE = 33%)
– Integrated Switches
• Low-Receive Current Consumption
– Integrated Matching Network
– 3.4 mA for High-Gain Mode
– Integrated Balun
– 1.7 mA for Low-Gain Mode
– Integrated Inductors
• 4.8-dB LNA Noise Figure, Including T/R Switch
and External Antenna Match
– Integrated PA
• RoHS Compliant 4×4-mm QFN-16 Package
– Integrated LNA
• 2-V to 3.6-V Operation
1.2
Applications
•
All 2.4-GHz ISM Band Systems
•
IEEE 802.15.4 and ZigBee® Systems
•
Wireless Sensor Networks
•
Wireless Consumer Systems
•
Wireless Industrial Systems
•
Wireless Audio Systems
1.3
Description
CC2591 is a cost-effective and high-performance RF front end for low-power and low-voltage 2.4-GHz
wireless applications. The device is a range extender for all existing and future 2.4-GHz low-power RF
transceivers, transmitters, and System-on-Chip products from TI. CC2591 increases the link budget by
providing a power amplifier for increased output power, and an LNA with low noise figure for improved
receiver sensitivity. The device provides a small size, high output power RF design with its 4-mm × 4-mm
QFN-16 package. The device contains PA, LNA, switches, RF-matching, and balun for simple design of
high-performance wireless applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC2591RGV
RGV (16)
4.00 mm × 4.00 mm
(1)
For more information, see Section 7, Mechanical Packaging and Orderable Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC2591RGVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591RGVT TI-CC2591RGVT Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2591RGVT TI-CC2591RGVT Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2591RGVT TI1-CC2591RGVT Datasheet
989Kb / 25P
2.4-GHz RF Front End
CC2591RGVTG4 TI-CC2591RGVTG4 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2591RGVTG4 TI1-CC2591RGVTG4 Datasheet
989Kb / 25P
2.4-GHz RF Front End
More results

Similar Description - CC2591RGVT.B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2590 TI-CC2590 Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
664Kb / 18P
2.4-GHz RF Front End, 14-dBm output power
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com