Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000NPPR Datasheet(PDF) 18 Page - Texas Instruments

Part # CDCDB2000NPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCDB2000NPPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCDB2000NPPR Datasheet HTML 14Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 15Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 16Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 17Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 18Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 19Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 20Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 21Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
7.1.3 OECR3 Register (Address = 2h) [reset = FFh]
OECR3 is shown in Table 7-5.
Return to the Summary Table.
The OECR3 register contains bits that enable or disable individual output clock channels [15:8]
Table 7-5. OECR3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Output Enable, CK15
R/W
1h
This bit controls the output enable signal for output channel CK15_P/
CK15_N.
0h = Output Disabled
1h = Output Enabled
6
Output Enable, CK14
R/W
1h
This bit controls the output enable signal for output channel CK14_P/
CK14_N.
0h = Output Disabled
1h = Output Enabled
5
Output Enable, CK13
R/W
1h
This bit controls the output enable signal for output channel CK13_P/
CK13_N.
0h = Output Disabled
1h = Output Enabled
4
Output Enable, CK12
R/W
1h
This bit controls the output enable signal for output channel CK12_P/
CK12_N.
0h = Output Disabled
1h = Output Enabled
3
Output Enable, CK11
R/W
1h
This bit controls the output enable signal for output channel CK11_P/
CK11_N.
0h = Output Disabled
1h = Output Enabled
2
Output Enable, CK10
R/W
1h
This bit controls the output enable signal for output channel CK10_P/
CK10_N.
0h = Output Disabled
1h = Output Enabled
1
Output Enable, CK9
R/W
1h
This bit controls the output enable signal for output channel CK9_P/
CK9_N.
0h = Output Disabled
1h = Output Enabled
0
Output Enable, CK8
R/W
1h
This bit controls the output enable signal for output channel CK8_P/
CK8_N.
0h = Output Disabled
1h = Output Enabled
7.1.4 OERDBK Register (Address = 3h) [reset = 0h]
OERDBK is shown in Table 7-6.
Return to the Summary Table.
The OERDBK register contains bits that report the current state of the OE[12:5]# input pins.
Table 7-6. OERDBK Register Field Descriptions
Bit
Field
Type
Reset
Description
7
OE12# State
R
0h
This bit reports the logic level present on the OE12# pin.
6
OE11# State
R
0h
This bit reports the logic level present on the OE11# pin.
5
OE10# State
R
0h
This bit reports the logic level present on the OE10# pin.
4
OE9# State
R
0h
This bit reports the logic level present on the OE9# pin.
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com