Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC73F Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC73F
Description  CDx4HC73 CD74HCT73 Dual J-K Flip-Flop with Reset Negative-Edge Trigger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC73F Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC73F Datasheet HTML 3Page - Texas Instruments CD54HC73F Datasheet HTML 4Page - Texas Instruments CD54HC73F Datasheet HTML 5Page - Texas Instruments CD54HC73F Datasheet HTML 6Page - Texas Instruments CD54HC73F Datasheet HTML 7Page - Texas Instruments CD54HC73F Datasheet HTML 8Page - Texas Instruments CD54HC73F Datasheet HTML 9Page - Texas Instruments CD54HC73F Datasheet HTML 10Page - Texas Instruments CD54HC73F Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5.6 Switching Specifications
Input, tr, tf = 6 ns
PARAMETER
TEST
CONDITIONS
VCC (V)
25
℃
–40
℃ to 85℃
–55
℃ to
125
℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tPLH,
tPHL
Propagation delay,
CP to Q
CL = 50 pF
2
160
200
240
ns
4.5
32
40
48
CL = 15 pF
5
13
CL = 50 pF
6
28
34
41
tPLH,
tPHL
Propagation delay,
CP to Q
CL = 50 pF
2
160
200
240
ns
4.5
32
40
48
CL = 15 pF
5
13
CL = 50 pF
6
28
34
41
tPLH,
tPHL
Propagation delay,
R to Q, Q
CL = 50 pF
2
145
180
220
ns
4.5
29
36
44
CL = 15 pF
5
12
CL = 50 pF
6
25
31
38
tTLH,
tTHL
Output transition time
CL = 50 pF
2
75
95
18
110
ns
4.5
15
19
22
6
13
16
19
CI
Input capacitance
10
10
10
pF
CPD
Power dissipation capacitance(1) (2)
5
28
pF
HCT TYPES
tPLH,
tPHL
Propagation delay,
CP to Q
CL = 50 pF
4.5
38
48
57
ns
tPLH,
tPHL
Propagation delay,
CP to Q
CL = 50 pF
4.5
36
45
54
ns
tPLH,
tPHL
Propagation delay,
R to Q, Q
CL = 50 pF
4.5
34
43
51
ns
tTLH,
tTHL
Output transition time
CL = 50 pF
4.5
15
19
22
ns
CI
Input capacitance
10
10
10
pF
CPD
Power dissipation capacitance(1) (2)
5
28
pF
(1)
CPD is used to determine the dynamic power consumption, per flip-flop.
(2)
PD = CPD VCC 2fi + ∑ CL VCC 2fo where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
www.ti.com
CD54HC73, CD74HC73, CD74HCT73
SCHS134G – FEBRUARY 1998 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC73 CD74HC73 CD74HCT73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com