Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWRG4.B Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCE925PWRG4.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWRG4.B Datasheet(HTML) 2 Page - Texas Instruments

  CDCE925PWRG4.B Datasheet HTML 1Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 2Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 3Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 4Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 5Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 6Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 7Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 8Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics .......................................... 6
7.6
EEPROM Specification ............................................. 8
7.7
Timing Requirements: CLK_IN ................................. 8
7.8
Timing Requirements: SDA/SCL .............................. 8
7.9
Typical Characteristics ............................................ 10
8
Parameter Measurement Information ................ 11
9
Detailed Description ............................................ 12
9.1
Overview ................................................................. 12
9.2
Functional Block Diagram ....................................... 13
9.3
Feature Description................................................. 13
9.4
Device Functional Modes........................................ 16
9.5
Programming........................................................... 17
9.6
Register Maps ......................................................... 18
10
Application and Implementation........................ 24
10.1
Application Information.......................................... 24
10.2
Typical Application ................................................ 24
11
Power Supply Recommendations ..................... 28
12
Layout................................................................... 28
12.1
Layout Guidelines ................................................. 28
12.2
Layout Example .................................................... 29
13
Device and Documentation Support ................. 30
13.1
Device Support...................................................... 30
13.2
Documentation Support ........................................ 30
13.3
Related Links ........................................................ 30
13.4
Receiving Notification of Documentation Updates 30
13.5
Community Resources.......................................... 30
13.6
Trademarks ........................................................... 30
13.7
Electrostatic Discharge Caution ............................ 31
13.8
Glossary ................................................................ 31
14
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (August 2016) to Revision I
Page
•
Changed data sheet title from: CDCEx925 Programmable 2-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, 3.3-V
LVCMOS Outputs to: CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI
Reduction................................................................................................................................................................................ 1
Changes from Revision G (November 2011) to Revision H
Page
•
Added Device Information table, ESD Ratings table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
•
Changed RθJB from 64°C/W : to 63.63°C/W ........................................................................................................................... 6
•
Changed ψJT from 1.0°C/W : to 1.01°C/W.............................................................................................................................. 6
•
Added ψJB parameter to Thermal Information table................................................................................................................ 6
•
Deleted figure ....................................................................................................................................................................... 20
Changes from Revision F (March 2010) to Revision G
Page
•
Changed in Figure 9, second S to Sr ................................................................................................................................... 18
•
Changed under second where page 21 from N
′ = N × 2
PN ≥ M100 MHz ≤ ƒ
VCO ≤ 200 MHz; TO 3 lines with last line
being changed to 80 MHz
≤ ƒVCO ≤ 230 MHz and 0 ≤ p ≤ 7 changed to 0 ≤ p ≤ 4.............................................................. 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com