Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13385F5.Z Datasheet(PDF) 13 Page - Texas Instruments

Part # CSD13385F5.Z
Description  CSD13385F5 12-V N-Channel FemtoFET™ MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13385F5.Z Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD13385F5.Z Datasheet HTML 8Page - Texas Instruments CSD13385F5.Z Datasheet HTML 9Page - Texas Instruments CSD13385F5.Z Datasheet HTML 10Page - Texas Instruments CSD13385F5.Z Datasheet HTML 11Page - Texas Instruments CSD13385F5.Z Datasheet HTML 12Page - Texas Instruments CSD13385F5.Z Datasheet HTML 13Page - Texas Instruments CSD13385F5.Z Datasheet HTML 14Page - Texas Instruments CSD13385F5.Z Datasheet HTML 15Page - Texas Instruments CSD13385F5.Z Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5
3X
0.16
0.14
3X
0.40
0.38
0.36 MAX
1
B
1.53
1.45
A
0.77
0.69
(R0.05) TYP
4222132/C 03/2022
PicoStar
- 0.36 mm max height
YJK0003A
PicoStar
PIN 1 INDEX AREA
SEATING PLANE
1
3
0.015
C B A
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M
2. This drawing is subject to change without notice.
3. This package is a Pb-free bump design. Bump finish may vary. To determine the exact finish, refer to the device datasheet
or contact a local TI representative.
PicoStar is a trademark of Texas Instruments.
TM
TM
SCALE 10.000
D: Max =
E: Max =
1.52 mm, Min =
0.76 mm, Min =
1.46 mm
0.7 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com