Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877ZQL Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCU877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCU877ZQL Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCU877ZQL Datasheet HTML 8Page - Texas Instruments CDCU877ZQL Datasheet HTML 9Page - Texas Instruments CDCU877ZQL Datasheet HTML 10Page - Texas Instruments CDCU877ZQL Datasheet HTML 11Page - Texas Instruments CDCU877ZQL Datasheet HTML 12Page - Texas Instruments CDCU877ZQL Datasheet HTML 13Page - Texas Instruments CDCU877ZQL Datasheet HTML 14Page - Texas Instruments CDCU877ZQL Datasheet HTML 15Page - Texas Instruments CDCU877ZQL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
CDCU877ANMKR
Active
Production
NFBGA (NMK) | 52
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ANMKR.A
Active
Production
NFBGA (NMK) | 52
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ANMKT
Active
Production
NFBGA (NMK) | 52
250 | SMALL T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ANMKT.A
Active
Production
NFBGA (NMK) | 52
250 | SMALL T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ARHAR
Active
Production
VQFN (RHA) | 40
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ARHAR.A
Active
Production
VQFN (RHA) | 40
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ARHARG4
Active
Production
VQFN (RHA) | 40
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ARHAT
Active
Production
VQFN (RHA) | 40
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ARHAT.A
Active
Production
VQFN (RHA) | 40
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877ARHATG4.A
Active
Production
VQFN (RHA) | 40
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877A
CDCU877RHAR
Active
Production
VQFN (RHA) | 40
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877
CDCU877RHAR.A
Active
Production
VQFN (RHA) | 40
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877
CDCU877RHARG4.A
Active
Production
VQFN (RHA) | 40
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877
CDCU877RHAT
Active
Production
VQFN (RHA) | 40
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877
CDCU877RHAT.A
Active
Production
VQFN (RHA) | 40
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877
CDCU877RHATG4
Active
Production
VQFN (RHA) | 40
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877
CDCU877RTBR
Active
Production
VQFN (RHA) | 40
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
CDCU877
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com