Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F271Z1T3 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST10F271Z1T3
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1T3 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST10F271Z1T3 Datasheet HTML 129Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 130Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 131Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 132Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 133Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 134Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 135Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 136Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 185 page
background image
ST10F271Z1
Electrical characteristics
133/185
25
Electrical characteristics
25.1
Absolute maximum ratings
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (V
IN > VDD or VIN < VSS) the
voltage on pins with respect to ground (V
SS) must not exceed the values defined by the
Absolute Maximum Ratings.
During Power-on and Power-off transients (including Standby entering/exiting phases), the
relationships between voltages applied to the device and the main VDD shall be always
respected. In particular power-on and power-off of VAREF shall be coherent with VDD
transient, in order to avoid undesired current injection through the on-chip protection diodes.
Table 60.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
VDD
Voltage on VDD pins with respect to ground (VSS)
-0.5 to +6.5
V
VSTBY
Voltage on VSTBY pin with respect to ground (VSS)
-0.5 to +6.5
V
VAREF
Voltage on VAREF pins with respect to ground (VSS)
-0.3 to VDD
V
VAGND
Voltage on VAGND pins with respect to ground (VSS)VSS
V
VIO
Voltage on any pin with respect to ground (VSS)
-0.5 to VDD + 0.5
V
IOV
Input current on any pin during overload condition
± 10
mA
ITOV
Absolute sum of all input currents during overload condition
| 75 |
mA
TST
Storage temperature
-65 to +150
°C
ESD
ESD Susceptibility (Human Body Model)
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com