Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L25U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L25U
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L25U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L25U Datasheet HTML 1Page - STMicroelectronics STPS2L25U Datasheet HTML 2Page - STMicroelectronics STPS2L25U Datasheet HTML 3Page - STMicroelectronics STPS2L25U Datasheet HTML 4Page - STMicroelectronics STPS2L25U Datasheet HTML 5Page - STMicroelectronics STPS2L25U Datasheet HTML 6Page - STMicroelectronics STPS2L25U Datasheet HTML 7Page - STMicroelectronics STPS2L25U Datasheet HTML 8Page - STMicroelectronics STPS2L25U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
February 2007
Rev 5
1/9
9
STPS2L25
Low drop power Schottky rectifier
Main product characteristics
Features and benefits
Very low forward voltage drop for less power
dissipation
Optimized conduction/reverse losses trade-off
which means the highest efficiency in the
applications
Avalanche capability specified
Description
Single Schottky rectifier suited to switched mode
power supplies and high frequency DC to DC
converters.
Packaged in SMB, SMB flat for thermal resistance
characteristic improvement, this device is
especially intended for use in parallel with
MOSFETs in synchronous rectification.
IF(AV)
2 A
VRRM
25 V
Tj (max)
150° C
VF(max)
0.375 V
K
A
SMB
STPS2L25U
SMB flat
STPS2L25UF
K
A
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
25
V
IF(AV)
Average forward current
SMB
TL = 125° C δ = 0.5
2A
SMB flat
TL = 135° C δ = 0.5
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
1500
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<
www.st.com


Similar Part No. - STPS2L25U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L25U STMICROELECTRONICS-STPS2L25U Datasheet
52Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS2L25U STMICROELECTRONICS-STPS2L25U Datasheet
326Kb / 12P
25 V, 2 A low drop power Schottky rectifier
27-Sep-2019
More results

Similar Description - STPS2L25U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com