Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L25UF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2L25UF
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L25UF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2L25UF Datasheet HTML 1Page - STMicroelectronics STPS2L25UF Datasheet HTML 2Page - STMicroelectronics STPS2L25UF Datasheet HTML 3Page - STMicroelectronics STPS2L25UF Datasheet HTML 4Page - STMicroelectronics STPS2L25UF Datasheet HTML 5Page - STMicroelectronics STPS2L25UF Datasheet HTML 6Page - STMicroelectronics STPS2L25UF Datasheet HTML 7Page - STMicroelectronics STPS2L25UF Datasheet HTML 8Page - STMicroelectronics STPS2L25UF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS2L25
2/9
1
Characteristics
To evaluate the maximum conduction losses, use the following equation:
P = 0.24 x IF(AV) + 0.068 IF
2
(RMS)
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMB
25
°C/W
SMB flat
15
Table 3.
Static electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
90
µA
Tj = 125° C
15
30
mA
VF
(1)
Forward voltage drop
Tj = 25° C
IF = 2 A
0.45
V
Tj = 125° C
0.325
0.375
Tj = 25° C
IF = 4 A
0.53
Tj = 125° C
0.43
0.51
1.
Pulse test: tp = 380 µs,
δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com