Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MS3 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2MS3
Description  Toggle Switches Sub-Miniature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2MS3 Datasheet(HTML) 1 Page - Multicomp Pro

  2MS3 Datasheet HTML 1Page - Multicomp Pro 2MS3 Datasheet HTML 2Page - Multicomp Pro 2MS3 Datasheet HTML 3Page - Multicomp Pro 2MS3 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
05/05/20
Toggle Switches
Sub-Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Contact Rating
: Dependent upon content material
Mechanical Life
: 30,000 make and break cycles
Maximum Contact Resistance
: 20mΩ initial at 2-4 V DC 100mA for both
silver and gold plated contacts
Minimum insulation Resistance
: 1,000MΩ.
Dielectric strength
: 1,000V rms at sea level
Operating Temperature
: -30°C to +85°C
Materials:
Case
: Diallyl phthalate (DAP).
Actuator
: Brass, chrome plated.
Bushing
: Brass, nickel plated.
Housing
: Stainless steel.
Switch Support
: Brass, tin plated.
Terminal / Contact
: Silver or gold plated.
Switch Function
Number
of Poles
UL / CSA
Model
Number
Model
Number
Switch Function
Connected Terminals / Schematic
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
Q2211
2MS1
On
None
ON
N/A
Q2212
2MS2
MOM
Q2213
2MS3
Off
ON
Open
DP
Q2221
2MD1
On
None
N/A
Q2223
2MD3
Off
Open
MOM = Momentary
Pole Options
SPDT
2MS6 Models : Omit 2nd terminal
Dimensions : Inches (Millimetres)


Similar Part No. - 2MS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MS3T1B2M2RE ETC2-2MS3T1B2M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
2MS3T1B2M6RE ETC2-2MS3T1B2M6RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
2MS3T1B5M2RE ETC2-2MS3T1B5M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
2MS3T1B5M6RE ETC2-2MS3T1B5M6RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
2MS3T2B2M2RE ETC2-2MS3T2B2M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
More results

Similar Description - 2MS3

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
Sub-Miniature Toggle Switches (washable)
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
Sub-Miniature SPDT Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
200A E-SWITCH-200A Datasheet
414Kb / 4P
TOGGLE SWITCHES - SUB-MINIATURE
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
Sub-Miniature Toggle Switches
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
Sealed Sub-Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com