Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC15005 Datasheet(PDF) 3 Page - Multicomp Pro

Part # KBPC15005
Description  Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KBPC15005 Datasheet(HTML) 3 Page - Multicomp Pro

  KBPC15005 Datasheet HTML 1Page - Multicomp Pro KBPC15005 Datasheet HTML 2Page - Multicomp Pro KBPC15005 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.0
06/09/19
Glass Passivated
Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Part Number Table
Description
Part Number
Glass Passivated Bridge Rectifiers, 35A 400V
KBPC3504
Glass Passivated Bridge Rectifiers, 15A 800V
KBPC1508
Glass Passivated Bridge Rectifiers, 15A 50V
KBPC15005
Glass Passivated Bridge Rectifiers, 35A 200V
KBPC3502
Glass Passivated Bridge Rectifiers, 35A 1000V
KBPC3510
Glass Passivated Bridge Rectifiers, 15A 1000V
KBPC1510
Glass Passivated Bridge Rectifiers, 15A 100V
KBPC1501
Glass Passivated Bridge Rectifiers, 25A 400V
KBPC2504
Glass Passivated Bridge Rectifiers, 50A 600V
KBPC5006
Glass Passivated Bridge Rectifiers, 35A 600V
KBPC3506
Glass Passivated Bridge Rectifiers, 50A 200V
KBPC5002
Glass Passivated Bridge Rectifiers, 25A 50V
KBPC25005
Glass Passivated Bridge Rectifiers, 35A 100V
KBPC3501
Glass Passivated Bridge Rectifiers, 15A 600V
KBPC1506
Glass Passivated Bridge Rectifiers, 50A 1000V
KBPC5010
Glass Passivated Bridge Rectifiers, 50A 50V
KBPC50005
Glass Passivated Bridge Rectifiers, 25A 200V
KBPC2502
Glass Passivated Bridge Rectifiers, 15A 400V
KBPC1504
Glass Passivated Bridge Rectifiers, 25A 800V
KBPC2508
Dimensions : Inches (Millimetres)
Dimensions:
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com