Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC355 Datasheet(PDF) 1 Page - Multicomp Pro

Part # PC355
Description  PC355 - Pushwire 5 way
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PC355 Datasheet(HTML) 1 Page - Multicomp Pro

  PC355 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Poori
08/9/07
08/9/07
24/9/07
Suresh
G. C
RELEASED
PC355
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2007.
TOLERANCES:
DRAWN BY:
Poornima
Suresh
G.Cook
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
PC355 - Pushwire 5 way
PC355_DWG
M10000640
08/09/07
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 1
DWG NO.
ELECTRONIC FILE
REV
A
08/09/07
A
DATE:
24/09/07
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Dimensions : Millimetres
Specifications:
Housing Material
: PC.
Current
: 24A (VDE).
Voltage
: 600V (UL), 450V (VDE).
Working Temperature
: 105°C (UL), 110°C (VDE).
Wire Range
: 14 - 22Cu, solder AWG/12 - 22Cu,
strip AWG (UL), 2.5mm2 (VDE).
Stripping Length
: 11mm (0.43 inch).
Description
Part Number
Connector, Push Wire 5 Way
PC355
Part Number Table
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk


Similar Part No. - PC355

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355 SHARP-PC355 Datasheet
54Kb / 5P
Mini-Flat Package, High Sensitivity Photocoupler
logo
Picker Components
PC355 PICKER-PC355 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
logo
List of Unclassifed Man...
PC3550 ETC1-PC3550 Datasheet
69Kb / 2P
Type of pressure: relative pressure Liquids and gases
logo
Picker Components
PC3551A-12 PICKER-PC3551A-12 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
PC3551A-12F PICKER-PC3551A-12F Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
More results

Similar Description - PC355

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
POWER DIVIDERS 0쨘 : 5-WAY
logo
American Accurate Compo...
JXWBGF-T-5-5-500-B12 AAC-JXWBGF-T-5-5-500-B12 Datasheet
77Kb / 1P
5-Way Power Divider
JXWBGF-T-5-806-824 AAC-JXWBGF-T-5-806-824 Datasheet
35Kb / 1P
5-Way Power Divider
logo
JFW Industries, Inc.
50PD-583 JFW-50PD-583 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
logo
SYNERGY MICROWAVE CORPO...
S5D1424 SYNERGY-S5D1424 Datasheet
441Kb / 3P
5-WAY POWER DIVIDER
S5D4453 SYNERGY-S5D4453 Datasheet
439Kb / 3P
5-WAY POWER DIVIDER
logo
JFW Industries, Inc.
50PD-028 JFW-50PD-028_15 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
75PD-048 JFW-75PD-048_14 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
logo
WAGO Kontakttechnik Gmb...
2002-405-000-005 WAGO-2002-405-000-005 Datasheet
435Kb / 6P
Jumper; 5-way; insulated; red
24.11.2021
2000-405-000-006 WAGO-2000-405-000-006 Datasheet
362Kb / 6P
Jumper; 5-way; insulated; blue
24.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com