Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18502KCS Datasheet(PDF) 12 Page - Texas Instruments

Part # CSD18502KCS
Description  CSD18502KCS 40V N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18502KCS Datasheet(HTML) 12 Page - Texas Instruments

Back Button CSD18502KCS Datasheet HTML 6Page - Texas Instruments CSD18502KCS Datasheet HTML 7Page - Texas Instruments CSD18502KCS Datasheet HTML 8Page - Texas Instruments CSD18502KCS Datasheet HTML 9Page - Texas Instruments CSD18502KCS Datasheet HTML 10Page - Texas Instruments CSD18502KCS Datasheet HTML 11Page - Texas Instruments CSD18502KCS Datasheet HTML 12Page - Texas Instruments CSD18502KCS Datasheet HTML 13Page - Texas Instruments CSD18502KCS Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.ti.com
PACKAGE OUTLINE
9.25
9.05
6.5
6.1
2.9
2.6
10.36
9.96
13.12
12.70
3X
3.9 MAX
3X
1.36
1.23
3X
0.90
0.77
(
3.84)
5.08
2X 2.54
8.55
8.15
12.5
12.1
(6.3)
19.65 MAX
4.7
4.4
1.32
1.22
2.79
2.59
0.47
0.34
4222214/B 08/2018
TO-220 - 19.65 mm max height
KCS0003B
TO-220
NOTES:
1. Dimensions are in millimeters. Any dimension in brackets or parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration TO-220.
1
3
SCALE 0.850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com