Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18502KCS.B Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD18502KCS.B
Description  CSD18502KCS 40V N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18502KCS.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD18502KCS.B Datasheet HTML 4Page - Texas Instruments CSD18502KCS.B Datasheet HTML 5Page - Texas Instruments CSD18502KCS.B Datasheet HTML 6Page - Texas Instruments CSD18502KCS.B Datasheet HTML 7Page - Texas Instruments CSD18502KCS.B Datasheet HTML 8Page - Texas Instruments CSD18502KCS.B Datasheet HTML 9Page - Texas Instruments CSD18502KCS.B Datasheet HTML 10Page - Texas Instruments CSD18502KCS.B Datasheet HTML 11Page - Texas Instruments CSD18502KCS.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (July 2014) to Revision C (March 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
Changes from Revision A (October 2012) to Revision B (July 2014)
Page
• Increased the TC = 25° continuous drain current to 212A .................................................................................1
• Increased the TC = 125° continuous drain current to 150A ...............................................................................1
• Increased the pulsed drain current to 400A ...................................................................................................... 1
• Increased the max power dissipation to 259W...................................................................................................1
• Increased the max operating junction and storage temperature to 175°............................................................1
• Updated the pulsed current conditions ..............................................................................................................1
• Updated Figure 4-1 from a normalized RθJA to an RθJC curve........................................................................... 4
• Updated Figure 4-6 to extend to 175°C .............................................................................................................4
• Updated Figure 4-8 to extend to 175°C .............................................................................................................4
• Updated the SOA in Figure 4-10 ....................................................................................................................... 4
• Updated Figure 4-12 to extend to 175°C ...........................................................................................................4
Changes from Revision * (August 2012) to Revision A (October 2012)
Page
• Changed the Transconductance TYP value From: 149S To: 138S....................................................................3
• Changed RθJA From: 65°C/W To: 62°C/W..........................................................................................................3
CSD18502KCS
SLPS367C – OCTOBER 2011 – REVISED MARCH 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CSD18502KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com