Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18503KCS.B Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD18503KCS.B
Description  CSD18503KCS 40V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18503KCS.B Datasheet(HTML) 3 Page - Texas Instruments

  CSD18503KCS.B Datasheet HTML 1Page - Texas Instruments CSD18503KCS.B Datasheet HTML 2Page - Texas Instruments CSD18503KCS.B Datasheet HTML 3Page - Texas Instruments CSD18503KCS.B Datasheet HTML 4Page - Texas Instruments CSD18503KCS.B Datasheet HTML 5Page - Texas Instruments CSD18503KCS.B Datasheet HTML 6Page - Texas Instruments CSD18503KCS.B Datasheet HTML 7Page - Texas Instruments CSD18503KCS.B Datasheet HTML 8Page - Texas Instruments CSD18503KCS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4 Specifications
4.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0V, ID = 250μA
40
V
IDSS
Drain-to-Source Leakage Current
VGS = 0V, VDS = 32V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.9
2.3
V
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5V, ID = 75A
5.4
6.8
mΩ
VGS = 10V, ID = 75A
3.6
4.5
mΩ
gfs
Transconductance
VDS = 20V, ID = 75A
98
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0V, VDS = 20V, ƒ = 1MHz
2500
3150
pF
Coss
Output Capacitance
480
600
pF
Crss
Reverse Transfer Capacitance
12
16
pF
RG
Series Gate Resistance
1.4
2.8
Qg
Gate Charge Total (4.5V)
VDS = 20V, ID = 75A
15
18
nC
Qg
Gate Charge Total (10V)
30
36
nC
Qgd
Gate Charge Gate-to-Drain
4.6
nC
Qgs
Gate Charge Gate-to-Source
7.7
nC
Qg(th)
Gate Charge at Vth
4.7
nC
Qoss
Output Charge
VDS = 20V, VGS = 0V
30
nC
td(on)
Turn On Delay Time
VDS = 20V, VGS = 10V,
IDS = 75A, RG = 0Ω
5.7
ns
tr
Rise Time
5.3
ns
td(off)
Turn Off Delay Time
14
ns
tf
Fall Time
6.8
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 75A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
VDS= 20V, IF = 75A,
di/dt = 300A/μs
60
nC
trr
Reverse Recovery Time
37
ns
4.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance
0.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance
62
www.ti.com
CSD18503KCS
SLPS368B – SEPTEMBER 2012 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD18503KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com