Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18532KCS Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD18532KCS
Description  CSD18532KCS 60V N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18532KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD18532KCS Datasheet HTML 1Page - Texas Instruments CSD18532KCS Datasheet HTML 2Page - Texas Instruments CSD18532KCS Datasheet HTML 3Page - Texas Instruments CSD18532KCS Datasheet HTML 4Page - Texas Instruments CSD18532KCS Datasheet HTML 5Page - Texas Instruments CSD18532KCS Datasheet HTML 6Page - Texas Instruments CSD18532KCS Datasheet HTML 7Page - Texas Instruments CSD18532KCS Datasheet HTML 8Page - Texas Instruments CSD18532KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 Specifications
3.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0V, ID = 250μA
60
V
IDSS
Drain-to-Source Leakage Current
VGS = 0V, VDS = 48V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.8
2.2
V
RDS(on)
Drain-to-Source On Resistance
VGS = 4.5V, ID = 100A
4.2
5.3
mΩ
VGS = 10V, ID = 100A
3.3
4.2
mΩ
gfs
Transconductance
VDS = 30V, ID = 100A
187
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0V, VDS = 30V, ƒ = 1MHz
3900
4680
pF
Coss
Output Capacitance
470
564
pF
Crss
Reverse Transfer Capacitance
11
14
pF
RG
Series Gate Resistance
1.3
2.6
Ω
Qg
Gate Charge Total (4.5V)
VDS = 30V, ID = 100A
21
25
nC
Qg
Gate Charge Total (10V)
44
53
nC
Qgd
Gate Charge Gate-to-Drain
6.9
nC
Qgs
Gate Charge Gate-to-Source
10
nC
Qg(th)
Gate Charge at Vth
7.3
nC
Qoss
Output Charge
VDS = 30V, VGS = 0V
52
nC
td(on)
Turn On Delay Time
VDS = 30V, VGS = 10V,
IDS = 100A, RG = 0Ω
7.8
ns
tr
Rise Time
5.3
ns
td(off)
Turn Off Delay Time
24.2
ns
tf
Fall Time
5.6
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 100A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
VDS= 30V, IF = 100A,
di/dt = 300A/μs
127
nC
trr
Reverse Recovery Time
57
ns
3.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance
0.6
°C/W
RθJA
Junction-to-Ambient Thermal Resistance
62
www.ti.com
CSD18532KCS
SLPS361C – AUGUST 2012 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD18532KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com