Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19531KCS Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD19531KCS
Description  CSD19531KCS 100V N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19531KCS Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD19531KCS Datasheet HTML 4Page - Texas Instruments CSD19531KCS Datasheet HTML 5Page - Texas Instruments CSD19531KCS Datasheet HTML 6Page - Texas Instruments CSD19531KCS Datasheet HTML 7Page - Texas Instruments CSD19531KCS Datasheet HTML 8Page - Texas Instruments CSD19531KCS Datasheet HTML 9Page - Texas Instruments CSD19531KCS Datasheet HTML 10Page - Texas Instruments CSD19531KCS Datasheet HTML 11Page - Texas Instruments CSD19531KCS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Changes from Revision * (September 2013) to Revision A (May 2014)
Page
• Updated the silicon limited currents to reflect increase in device operating temperature range ....................... 1
• Increased pulsed current to reflect new conditions ........................................................................................... 1
• Increased max power dissipation to reflect new conditions ...............................................................................1
• Increased operating and junction temperature range to 175°C .........................................................................1
• Updated the pulsed drain current conditions...................................................................................................... 1
• Changed Figure 4-1 from a normalized RθJA curve to a normalized RθJC curve ...............................................4
• Updated Figure 4-6 to reflect increase in device operating temperature range ................................................ 4
• Updated Figure 4-8 to reflect increase in device operating temperature range ................................................ 4
• Updated Figure 4-10 to reflect measured SOA data ......................................................................................... 4
• Updated Figure 4-12 to reflect increase in device operating temperature range .............................................. 4
CSD19531KCS
SLPS407D – SEPTEMBER 2013 – REVISED MAY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CSD19531KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com