Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000AFQC Datasheet(PDF) 7 Page - Texas Instruments

Part # DLP2000AFQC
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000AFQC Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLP2000AFQC Datasheet HTML 3Page - Texas Instruments DLP2000AFQC Datasheet HTML 4Page - Texas Instruments DLP2000AFQC Datasheet HTML 5Page - Texas Instruments DLP2000AFQC Datasheet HTML 6Page - Texas Instruments DLP2000AFQC Datasheet HTML 7Page - Texas Instruments DLP2000AFQC Datasheet HTML 8Page - Texas Instruments DLP2000AFQC Datasheet HTML 9Page - Texas Instruments DLP2000AFQC Datasheet HTML 10Page - Texas Instruments DLP2000AFQC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.2 Storage Conditions (continued)
Applicable before the DMD is installed in the final product
MIN
MAX
UNIT
TDP
Dew Point Temperature
(non-condensing)
See Note(1)
°C
(1)
The DLP2000 DMD is intended for use in well controlled, low dew point environments. Please contact your local TI sales person or TI
distributor representative to determine if this device is suitable for your application and operating environment compared to other DMD
solutions. DLP Products offers a broad portfolio of DMDs suitable for a wide variety of applications.
6.3 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply Voltage
VCC
LVCMOS logic power supply voltage(1)
1.65
1.8
1.95
V
VOFFSET
Mirror electrode and HVCMOS voltage(1)
8.25
8.5
8.75
V
VBIAS
Mirror electrode voltage
15.5
16
16.5
V
Supply voltage delta |VBIAS – VOFFSET| (2)
8.75
V
VRESET
Mirror electrode voltage
–9.5
–10
–10.5
V
Input Voltage
VP
Positive going threshold voltage
0.4*VCC
0.7*VCC
V
VN
Negative going threshold voltage
0.3*VCC
0.6*VCC
V
VH
Hysteresis voltage (Vp – Vn)
0.1*VCC
0.4*VCC
V
Environmental
TARRAY
Array temperature—long-term operational(3) (4) (5) (6)
0
40 to 70
°C
Array Temperature – short-term operational(4) (7)
–20
75
°C
|TDELTA|
Absolute temperature difference between any point on
the window edge and the ceramic test point TP1(8)
15
°C
TWINDOW
Window temperature—operational(3) (9)
90
°C
TDP
Dew point temperature (non-condensing)
See
note(10) .
°C
ILLUV
Illumination wavelength < 400 nm(3)
0.68
mW/cm2
ILLVIS
Illumination wavelengths between 400 nm and 700 nm
Thermally limited
ILLIR
Illumination wavelength > 700 nm
10
mW/cm2
(1)
All voltage values are with respect to GND (VSS). VOFFSET, VCC, VBIAS, VRESET , and VSS power supplies are required for the normal
DMD operating mode.
(2)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than 8.75 V.
(3)
Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination
reduces device lifetime.
(4)
The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 7-1 and the package thermal resistance in Section 7.6.
(5)
Per Figure 6-1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the
DMD experiences in the end application. Refer to Section 7.7 for a definition of micromirror landed duty cycle.
(6)
Long-term is defined as the usable life of the device
(7)
Array temperatures beyond those specified as long-term are recommended for short-term conditions only (power-up). Short-term is
defined as cumulative time over the usable life of the device and is less than 500 hours for temperatures between the long-term
maximum and 75°C, and less than 500 hours for temperatures between 0°C and –20°C.
(8)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 7-1.
(9)
Window temperature is the highest temperature on the window edge shown in Figure 7-1.
(10) The DLP2000 DMD is intended for use in well controlled, low dew point environments. Please contact your local TI sales person or
TI distributor representative to determine if this device is suitable for your application and operating environment compared other DMD
solutions. DLP Products offers a broad portfolio of DMDs suitable for a wide variety of applications.
www.ti.com
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com