Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL Datasheet(PDF) 30 Page - Texas Instruments

Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 26Page - Texas Instruments DLP4710LCFQL Datasheet HTML 27Page - Texas Instruments DLP4710LCFQL Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL Datasheet HTML 33Page - Texas Instruments DLP4710LCFQL Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Table 7-1. Grayscale
Value and Landed Duty
Cycle (continued)
Grayscale
Value
Nominal
Landed Duty
Cycle
10%
10/90
20%
20/80
30%
30/70
40%
40/60
50%
50/50
60%
60/40
70%
70/30
80%
80/20
90%
90/10
100%
100/0
To account for color rendition (and continuing to ignore image processing for this example) requires knowing
both the color intensity (from 0% to 100%) for each constituent primary color (red, green, and/or blue) for the
given pixel as well as the color cycle time for each primary color, where color cycle time describes the total
percentage of the frame time that a given primary must be displayed in order to achieve the desired white point.
During a given period of time, the nominal landed duty cycle of a given pixel can be calculated as shown in
Equation 1:
Landed Duty Cycle = (Red_Cycle_% × Red_Scale_Value) + (Green_Cycle_% × Green_Scale_Value) + (Blue_Cycle_%
×
Blue_Scale_Value)
(1)
where
• Red_Cycle_% represents the percentage of the frame time that red displays to achieve the desired white
point
• Green_Cycle_% represents the percentage of the frame time that green displays to achieve the desired white
point
• Blue_Cycle_% represents the percentage of the frame time that blue displays to achieve the desired white
point
For example, assume that the ratio of red, green and blue color cycle times are as listed in Table 7-2 (in order
to achieve the desired white point) then the resulting nominal landed duty cycle for various combinations of red,
green, blue color intensities are as shown in Table 7-3.
Table 7-2. Example Landed Duty Cycle for Full-Color
Pixels
Red Cycle
Percentage
Green Cycle
Percentage
Blue Cycle
Percentage
50%
20%
30%
Table 7-3. Color Intensity Combinations
Red Scale
Value
Green Scale
Value
Blue Scale
Value
Nominal
Landed Duty
Cycle
0%
0%
0%
0/100
100%
0%
0%
50/50
0%
100%
0%
20/80
0%
0%
100%
30/70
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com