Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMBJSACA Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPSMBJSACA
Description  600W Surface Mount Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPSMBJSACA Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPSMBJSACA Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPSMBJSACA Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPSMBJSACA Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPSMBJSACA Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPSMBJSACA Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD TPSMBJSACA Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - TPSMBJSACA

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TPSMBJ ANOVA-TPSMBJ Datasheet
277Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMBJ LUGUANG-TPSMBJ Datasheet
917Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
TECH PUBLIC Electronics...
TPSMBJ TECHPUBLIC-TPSMBJ Datasheet
4Mb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
TPSMBJ100A ANOVA-TPSMBJ100A Datasheet
277Kb / 3P
Surface Mount Transient Voltage Suppressors
More results

Similar Description - TPSMBJSACA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
600W Surface Mount Transient Voltage Suppressors
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
600W Surface Mount Transient Voltage Suppressors
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com