Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMP Datasheet(PDF) 2 Page - YAGEO Corporation

Part # MMP
Description  MELF METAL FILM RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMP Datasheet(HTML) 2 Page - YAGEO Corporation

  MMP Datasheet HTML 1Page - YAGEO Corporation MMP Datasheet HTML 2Page - YAGEO Corporation MMP Datasheet HTML 3Page - YAGEO Corporation MMP Datasheet HTML 4Page - YAGEO Corporation MMP Datasheet HTML 5Page - YAGEO Corporation MMP Datasheet HTML 6Page - YAGEO Corporation MMP Datasheet HTML 7Page - YAGEO Corporation MMP Datasheet HTML 8Page - YAGEO Corporation MMP Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.yageo.com
Sep. 05, 2024 V.2
Melf Metal Film Resistors
2
9
Product Specification
MMP
Through Hole Resistors
APPLICATIONS
All general purpose
applications
Power applications
Energy meter
FEATURES
AEC-Q200 qualified
MELF, SMD package
Excellent pulse withstanding
capability
Ultra miniature size
Higher power rating
RoHS compliant and halogen
free
ORDERING INFORMATION
Part number of the power MELF metal film resistor is identified by the
series, power rating, tolerance, packing, temperature coefficient and
resistance value.
PART NUMBER
MMP
100
J
R
-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(1) SERIES
MMP Series
(2) POWER RATING
100 = 1W
200 = 2W
(3) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
- = Based on spec.
(4) PACKAGING
R = Reel Pack
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
E=±50ppm/°C
F=±100ppm/°C
- = Based on spec.
(6) RESISTANCE VALUE
E24 & E96 Series value
Example:
1R = 1Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com