Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCH110C Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH110C
Description  Power Inductor Pin Type: Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH110C Datasheet(HTML) 2 Page - Sumida Corporation

  RCH110C Datasheet HTML 1Page - Sumida Corporation RCH110C Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor Pin Type: <RCH Series>
Type: RCH110C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Saturation Current
(A)※1
Part Name
Stamp
Inductance
(μH)
[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
at 20℃
at 105℃
Temperature
Rise Current
(A)※2
Pin (mm)
RCH11ØCNP-ØR9M 0R9M
0.9±20%
3.73(2.98)
19.0
16.0
12
0.9±0.1
RCH11ØCNP-1R5M 1R5M
1.5±20%
4.80(3.84)
18.0
14.0
10
0.85±0.1
RCH11ØCNP-1R8M 1R8M
1.8±20%
5.75(4.57)
16.5
12.5
9.8
0.85±0.1
RCH11ØCNP-2R2M 2R2M
2.2±20%
6.62(5.29)
14.4
11.0
9.4
0.85±0.1
RCH11ØCNP-3R3M 3R3M
3.3±20%
7.57(6.05)
12.8
10.4
9.0
0.85±0.1
RCH11ØCNP-3R9M 3R9M
3.9±20%
11.66(9.33)
11.2
8.80
7.0
0.7±0.1
RCH11ØCNP-4R7M 4R7M
4.7±20%
12.95(10.35)
10.4
8.00
6.5
0.7±0.1
RCH11ØCNP-5R6M 5R6M
5.6±20%
14.05(11.24)
9.20
7.60
6.2
0.7±0.1
RCH11ØCNP-6R8M 6R8M
6.8±20%
15.36(12.29)
8.80
6.80
6.1
0.7±0.1
RCH11ØCNP-7R5M 7R5M
7.5±20%
16.90(13.52)
8.00
6.40
6.0
0.7±0.1
RCH11ØCNP-8R2M 8R2M
8.2±20%
18.51(14.81)
7.20
6.00
5.8
0.7±0.1
※
1 Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
※
2: Temperature rise current: The DC current at which the temperature rise is
t
△ =
40 .(Ta
℃
=
20 ).
℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com